Electronic Components Datasheet Search
  English  ▼

X  

DRV604 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DRV604
Description  DirectPath??2Vrms Line Driver and HP Amp With Adjustable Gain
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV604 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV604 Datasheet HTML 7Page - Texas Instruments DRV604 Datasheet HTML 8Page - Texas Instruments DRV604 Datasheet HTML 9Page - Texas Instruments DRV604 Datasheet HTML 10Page - Texas Instruments DRV604 Datasheet HTML 11Page - Texas Instruments DRV604 Datasheet HTML 12Page - Texas Instruments DRV604 Datasheet HTML 13Page - Texas Instruments DRV604 Datasheet HTML 14Page - Texas Instruments DRV604 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
25
23
Ex_UVP
PVDD_LD
InternalPVDD
AMP Enable
Comparator
Comparator
20
PVDD_HP
1.25V
Bandgap
(
)
UVP
R11 + R12
V
= 1.25 V
R12
´
Hysteresis
R11
V
= 5 A × R13 ×
+1
R12
æ
ö
ç
÷
è
ø
25
Ex_UVP
R12
R11
External
Sense
Voltage
1.25V
Bandgap
Comparator
R13
DRV604
5 mA
in
in
in
in
in
in
1
1
fc
=
C
=
2
R
C
2
fc
R
p
p
´
´
´
´
DRV604
www.ti.com
SLOS659 – JANUARY 2010
The selected thresholds can be determined as follows:
(1)
(2)
With the condition R13 >> R11||R12
For example, to obtain VUVP = 4.5 V and 400 mV hysteresis, use R11 = 10 kΩ, R12 = 3 kΩ and R13 = 22kΩ.
To filter supply spikes and noise a capacitor across R12 can be added.
Input-Blocking Capacitors
DC input-blocking capacitors are required to be added in series with the audio signal into the input pins of the
DRV604. These capacitors block the DC portion of the audio source and allow the DRV604 inputs to be properly
biased to provide maximum performance. The input blocking capacitors also limit the DC gain to 1, limiting the
DC-offset voltage at the output.
These capacitors form a high-pass filter with the input resistor, Rin. The cutoff frequency is calculated using
Equation 1. For this calculation, the capacitance used is the input-blocking capacitor and the resistance is the
input resistor chosen from Table 1, then the frequency and/or capacitance can be determined when one of the
two values are given.
(3)
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :DRV604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com