Electronic Components Datasheet Search
  English  ▼

X  

AD9575 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9575
Description  Network Clock Generator, Two Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9575 Datasheet(HTML) 5 Page - Analog Devices

  AD9575 Datasheet HTML 1Page - Analog Devices AD9575 Datasheet HTML 2Page - Analog Devices AD9575 Datasheet HTML 3Page - Analog Devices AD9575 Datasheet HTML 4Page - Analog Devices AD9575 Datasheet HTML 5Page - Analog Devices AD9575 Datasheet HTML 6Page - Analog Devices AD9575 Datasheet HTML 7Page - Analog Devices AD9575 Datasheet HTML 8Page - Analog Devices AD9575 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD9575
Rev. 0 | Page 5 of 16
OUTPUT FREQUENCY SELECT
Typical (typ) value is given for VS = 3.3 V, TA = 25°C, unless otherwise noted
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Select Pins (SEL0/SEL1)
Logic 1 Voltage
0.83 × VS + 0.2
V
Logic 0 Voltage
0.33 × VS − 0.2
V
Logic 1 Current
190
μA
Logic 0 Current
150
μA
Pull-down to GND, pull-up to VDD, pull-up to VDD via 15 kΩ,
do not connect
CLOCK OUTPUTS
Typical (typ) value is given for VS = 3.3 V, TA = 25°C, unless otherwise noted.
Table 5.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVDS CLOCK OUTPUT
Termination = 100 Ω differential; default
Output Frequency
312.5
MHz
Differential Output Voltage (VOD)
250
340
450
mV
Refer to Figure 2 for definition
Delta VOD
25
mV
Output Offset Voltage (VOS)
1.125
1.25
1.375
V
Delta VOS
25
mV
Short-Circuit Current (ISA, ISB)
14
24
mA
Output shorted to GND
Duty Cycle
45
50
55
%
LVPECL CLOCK OUTPUT
Output Frequency
312.5
MHz
Output High Voltage (VOH)
VS – 1.5
VS –1.05
VS – 0.8
V
Output Low Voltage (VOL)
VS – 2.5
VS –1.75
VS – 1.7
V
Differential Output Voltage (VOD)
430
640
800
mV
Refer to Figure 2 for definition
Duty Cycle
45
50
55
%
LVCMOS CLOCK OUTPUT
Output Frequency
62.5
MHz
Output High Voltage (VOH)
VS − 0.1
V
Output Low Voltage (VOL)
0.1
V
Duty Cycle
45
50
55
%
TIMING CHARACTERISTICS
Table 6.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVDS
Termination = 100 Ω differential; CLOAD = 0 pF
Output Rise Time, tRL
150
200
300
ps
20% to 80%, measured differentially
Output Fall Time, tFL
150
200
300
ps
80% to 20%, measured differentially
LVPECL
Termination = 200 Ω differential; CLOAD = 0 pF
Output Rise Time, tRL
180
250
300
ps
20% to 80%, measured differentially
Output Fall Time, tFL
180
250
300
ps
80% to 20%, measured differentially
LVCMOS
Termination = 50 Ω to 0 V; CLOAD = 5 pF
Output Rise Time, tRC
0.50
0.70
1.10
ns
20% to 80%; CLOAD = 5 pF
Output Fall Time, tFC
0.50
0.70
1.10
ns
80% to 20%; CLOAD = 5 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com