Electronic Components Datasheet Search
  English  ▼

X  

AD9575 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9575
Description  Network Clock Generator, Two Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9575 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9575 Datasheet HTML 4Page - Analog Devices AD9575 Datasheet HTML 5Page - Analog Devices AD9575 Datasheet HTML 6Page - Analog Devices AD9575 Datasheet HTML 7Page - Analog Devices AD9575 Datasheet HTML 8Page - Analog Devices AD9575 Datasheet HTML 9Page - Analog Devices AD9575 Datasheet HTML 10Page - Analog Devices AD9575 Datasheet HTML 11Page - Analog Devices AD9575 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD9575
Rev. 0 | Page 8 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
VDDA
VDDX
XO1
GNDA
GNDX
XO2
GNDA
VDDA
16
15
14
13
12
11
10
9
GND
LVDS/LVPECL OUT
LVDS/LVPECL OUT
CMOS OUT/SEL1
GND_CMOS
VDD_CMOS
VDD
SEL0
AD9575
TOP VIEW
(Not to Scale)
Figure 4. Pin Configuration
Table 11. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 7
GNDA
Analog Ground.
2, 8
VDDA
Analog Power Supply (3.3 V).
3
VDDX
Crystal Oscillator Power Supply.
4, 5
XO1, XO2
External Crystal.
6
GNDX
Crystal Oscillator Ground.
9
GND_CMOS
Ground for LVCMOS Output.
10
CMOS OUT/SEL1
LVCMOS Output/Output Frequency Select.
11
VDD_CMOS
Power Supply for LVCMOS Output.
12
VDD
Power Supply for LVDS or LVPECL Output.
13
LVDS/LVPECL OUT
Complementary LVDS or LVPECL Output.
14
LVDS/LVPECL OUT
LVDS or LVPECL Output.
15
GND
Ground for LVDS or LVPECL Output.
16
SEL0
Output Frequency Select.
Table 12. Output Frequency Selection1
Mode
XTAL
SEL0
SEL1
LVDS/LVPECL Output
LVCMOS Output
1
25 MHz
GND
X2
100 MHz
33.33 MHz
2
25 MHz
VDD
GND
156.25 MHz
High-Z
3
25.78125 MHz
VDD
GND
161.132812 MHz
High-Z
4
25 MHz
NC
X2
125 MHz
62.5 MHz
5
25 MHz
15 kΩ pull-up
VDD
159.375 MHz
High-Z
6
25 MHz
15 kΩ pull-up
GND
312.5 MHz
High-Z
7
25 MHz
VDD
VDD
106.25 MHz
High-Z
8
19.44 MHz
VDD
No connect
155.52 MHz
High-Z
1 The AD9575 must be power-cycled if the select pin voltages are altered.
2 X = in Mode 1 and Mode 4, Pin 10 is configured as a LVCMOS output by forcing Pin16 to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com