Electronic Components Datasheet Search
  English  ▼

X  

AD9575 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9575
Description  Network Clock Generator, Two Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9575 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9575 Datasheet HTML 2Page - Analog Devices AD9575 Datasheet HTML 3Page - Analog Devices AD9575 Datasheet HTML 4Page - Analog Devices AD9575 Datasheet HTML 5Page - Analog Devices AD9575 Datasheet HTML 6Page - Analog Devices AD9575 Datasheet HTML 7Page - Analog Devices AD9575 Datasheet HTML 8Page - Analog Devices AD9575 Datasheet HTML 9Page - Analog Devices AD9575 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD9575
Rev. 0 | Page 6 of 16
POWER
Table 7.
Parameter
Min
Typ
Max
Unit
POWER SUPPLY
3.0
3.3
3.6
V
POWER DISSIPATION
LVDS
100
130
mW
LVPECL
120
160
mW
CRYSTAL OSCILLATOR
Table 8.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CRYSTAL SPECIFICATION
Parallel resonant/fundamental mode
Frequency
19.44
25
25.78125
MHz
ESR
40
Ω
Load Capacitance
18
pF
Phase Noise
−138
dBc/Hz
At 1 kHz offset
Stability
−30
+30
ppm
TIMING DIAGRAMS
DIFFERENTIAL
SIGNAL
VOD
80%
20%
50%
tRL
tFL
Figure 2. LVDS or LVPECL, Timing and Differential Amplitude
SINGLE-ENDED
LVCMOS
5pF LOAD
80%
20%
tRC
tFC
Figure 3. LVCMOS Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com