Electronic Components Datasheet Search
  English  ▼

X  

AD9575 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9575
Description  Network Clock Generator, Two Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9575 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9575 Datasheet HTML 6Page - Analog Devices AD9575 Datasheet HTML 7Page - Analog Devices AD9575 Datasheet HTML 8Page - Analog Devices AD9575 Datasheet HTML 9Page - Analog Devices AD9575 Datasheet HTML 10Page - Analog Devices AD9575 Datasheet HTML 11Page - Analog Devices AD9575 Datasheet HTML 12Page - Analog Devices AD9575 Datasheet HTML 13Page - Analog Devices AD9575 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD9575
Rev. 0 | Page 10 of 16
–160
–155
–150
–145
–140
–135
–130
–125
–120
–115
–110
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
Figure 11. Phase Noise at LVPECL, 312.5 MHz Clock Output
90
100
110
120
130
140
80
1
234
MODE
56
78
LVDS POWER
LVPECL POWER
Figure 12. Typical Power Dissipation vs. Mode
M2
M2 50mV 2ns
M3 50mV 2ns
Figure 13. 156.25 MHz LVDS Output
M2
M2 100mV 1ns
M3 100mV 1ns
Figure 14. 312.5 MHz LVPECL Output
M2
M2 100mV 10ns
M3 100mV 10ns
Figure 15. 62.5 MHz LVCMOS Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com