Electronic Components Datasheet Search
  English  ▼

X  

ADRF6602 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF6602
Description  1550 MHz to 2150 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6602 Datasheet(HTML) 4 Page - Analog Devices

  ADRF6602 Datasheet HTML 1Page - Analog Devices ADRF6602 Datasheet HTML 2Page - Analog Devices ADRF6602 Datasheet HTML 3Page - Analog Devices ADRF6602 Datasheet HTML 4Page - Analog Devices ADRF6602 Datasheet HTML 5Page - Analog Devices ADRF6602 Datasheet HTML 6Page - Analog Devices ADRF6602 Datasheet HTML 7Page - Analog Devices ADRF6602 Datasheet HTML 8Page - Analog Devices ADRF6602 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADRF6602
Rev. 0 | Page 4 of 24
SYNTHESIZER/PLL SPECIFICATIONS
VS = 5 V; ambient temperature (TA) = 25°C; fREF = 153.6 MHz; fPFD = 38.4 MHz; high-side LO injection; fIF = 140 MHz; IIP3 optimized
using capacitor DAC (0x0) and IP3SET (3.3 V), unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SYNTHESIZER SPECIFICATIONS
Synthesizer specifications referenced to 1× LO
Frequency Range
Internally generated LO
1550
2150
MHz
Figure of Merit
PREF_IN = 0 dBm
−222
dBc/Hz
Reference Spurs
fREF = 153.6 MHz
fREF/4
−105
dBc
fREF/2
−105
dBc
fREF
−80
dBc
> fREF
−85
dBc
PHASE NOISE
fLO = 1550 MHz to 2150 MHz, fPFD = 38.4 MHz
1 kHz to 10 kHz offset
−90
dBc/Hz
100 kHz offset
−103
dBc/Hz
500 kHz offset
−122
dBc/Hz
1 MHz offset
−130
dBc/Hz
5 MHz offset
−142
dBc/Hz
10 MHz offset
−148
dBc/Hz
20 MHz offset
−150
dBc/Hz
Integrated Phase Noise
1 kHz to 40 MHz integration bandwidth
0.3
°rms
PFD Frequency
20
40
MHz
REFERENCE CHARACTERISTICS
REF_IN, MUXOUT pins
REF_IN Input Frequency
12
160
MHz
REF_IN Input Capacitance
4
pF
MUXOUT Output Level
VOL (lock detect output selected)
0.25
V
VOH (lock detect output selected)
2.7
V
MUXOUT Duty Cycle
50
%
CHARGE PUMP
Pump Current
Programmable to 250 μA, 500 μA, 750 μA, 1 mA
500
μA
Output Compliance Range
1
2.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com