Electronic Components Datasheet Search
  English  ▼

X  

ADRF6602 Datasheet(PDF) 16 Page - Analog Devices

Part # ADRF6602
Description  1550 MHz to 2150 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6602 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADRF6602 Datasheet HTML 12Page - Analog Devices ADRF6602 Datasheet HTML 13Page - Analog Devices ADRF6602 Datasheet HTML 14Page - Analog Devices ADRF6602 Datasheet HTML 15Page - Analog Devices ADRF6602 Datasheet HTML 16Page - Analog Devices ADRF6602 Datasheet HTML 17Page - Analog Devices ADRF6602 Datasheet HTML 18Page - Analog Devices ADRF6602 Datasheet HTML 19Page - Analog Devices ADRF6602 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADRF6602
Rev. 0 | Page 16 of 24
LO SELECTION LOGIC
The downconverting mixer in the ADRF6602 can be used
without the internal PLL by applying an external differential
LO to Pin 37 and Pin 38 (LON and LOP). In addition, when
using an LO generated by the internal PLL, the LO signal can
be accessed directly at these same pins. This function can be
used for debugging purposes, or the internally generated LO
can be used as the LO for a separate mixer.
The operation of the LO generation and whether LOP and LON
are inputs or outputs are determined by the logic levels applied
at Pin 16 (PLL_EN) and Pin 36 (LODRV_EN), as well as Bit DB3
(LDRV) and Bit DB6 (PLEN) in Register 5. The combination of
externally applied logic and internal bits required for particular
LO functions is given in Table 8.
Table 8. LO Selection Logic
Pins1
Register 5 Bits1
Outputs
Pin 16 (PLL_EN)
Pin 36 (LODRV_EN)
Bit DB6 (PLEN)
Bit DB3 (LDRV)
Output Buffer
LO
0
X
0
X
Disabled
External
0
X
1
X
Disabled
External
1
X
0
X
Disabled
External
1
0
1
0
Disabled
Internal
1
X
1
1
Enabled
Internal
1
1
1
X
Enabled
Internal
1 X = don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com