Electronic Components Datasheet Search
  English  ▼

X  

ADRF6602 Datasheet(PDF) 18 Page - Analog Devices

Part # ADRF6602
Description  1550 MHz to 2150 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6602 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADRF6602 Datasheet HTML 14Page - Analog Devices ADRF6602 Datasheet HTML 15Page - Analog Devices ADRF6602 Datasheet HTML 16Page - Analog Devices ADRF6602 Datasheet HTML 17Page - Analog Devices ADRF6602 Datasheet HTML 18Page - Analog Devices ADRF6602 Datasheet HTML 19Page - Analog Devices ADRF6602 Datasheet HTML 20Page - Analog Devices ADRF6602 Datasheet HTML 21Page - Analog Devices ADRF6602 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADRF6602
Rev. 0 | Page 18 of 24
EVALUATION BOARD
Figure 24 shows the schematic of the RoHS-compliant evalua-
tion board for the ADRF6602. This board has four layers and
was designed using Rogers 4350 hybrid material to minimize
high frequency losses. FR4 material is also adequate if the design
can accept the slightly higher trace loss of this material.
The evaluation board is designed to operate using the internal
VCO of the device (the default configuration) or with an
external VCO. To use an external VCO, R62 and R12 should
be removed. Place 0 Ω resistors in R63 and R11. The input of
the external VCO should be connected to the VTUNE SMA
connector, and the external VCO output should be connected
to the LO IN/OUT SMA connector. In addition to these hard-
ware changes, internal register settings must also be changed to
enable operation with an external VCO (see the Register 6—
VCO Control and VCO Enable (Default: 0x1E2106) section).
Additional configuration options for the evaluation board are
described in Table 9.
EVALUATION BOARD CONTROL SOFTWARE
Software to program the ADRF6602 is available for download
from www.analog.com. To install the software, download and
extract the zip file. Then run the following installation file:
ADRF6x0x_3p0p0_XP_install.exe
The evaluation board can be connected to the PC using a PC
parallel port or a USB port. These options are selectable from
the opening menu of the software interface (see Figure 22). The
evaluation board is shipped with a 25-pin parallel port cable
for connection to the PC parallel port.
To connect the evaluation board to a USB port, a USB adapter
board (Part No. EVAL-ADF4XXXZ-USB) must be purchased
from www.analog.com. This board connects to the PC using a
standard USB cable with USB mini-connector at one end. An
additional 25-pin male to 9-pin female adapter is required to
mate the ADF4XXXZ-USB board to the 9-pin D-Sub connector
on the ADRF6602 evaluation board.
Figure 22. Control Software Opening Menu
Figure 23 shows the main menu of the control software with the
default settings displayed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com