Electronic Components Datasheet Search
  English  ▼

X  

ADRF6602 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF6602
Description  1550 MHz to 2150 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6602 Datasheet(HTML) 3 Page - Analog Devices

  ADRF6602 Datasheet HTML 1Page - Analog Devices ADRF6602 Datasheet HTML 2Page - Analog Devices ADRF6602 Datasheet HTML 3Page - Analog Devices ADRF6602 Datasheet HTML 4Page - Analog Devices ADRF6602 Datasheet HTML 5Page - Analog Devices ADRF6602 Datasheet HTML 6Page - Analog Devices ADRF6602 Datasheet HTML 7Page - Analog Devices ADRF6602 Datasheet HTML 8Page - Analog Devices ADRF6602 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADRF6602
Rev. 0 | Page 3 of 24
SPECIFICATIONS
RF SPECIFICATIONS
VS = 5 V; ambient temperature (TA) = 25°C; fREF = 38.4 MHz; fPFD = 38.4 MHz; high-side LO injection; fIF = 140 MHz; IIP3 optimized
using capacitor DAC (0x0) and IP3SET (3.3 V), unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
INTERNAL LO FREQUENCY RANGE
1550
2150
MHz
RF INPUT FREQUENCY RANGE
±3 dB RF input range
1000
3100
MHz
RF INPUT AT 1410 MHz
Input Return Loss
Relative to 50 Ω (can be improved with external match)
−12
dB
Input P1dB
15
dBm
Second-Order Intercept (IIP2)
−5 dBm each tone (10 MHz spacing between tones)
56.5
dBm
Third-Order Intercept (IIP3)
−5 dBm each tone (10 MHz spacing between tones)
31.5
dBm
Single-Side Band Noise Figure
IP3SET = 3.3 V
14
dB
IP3SET = open
13.5
dB
LO to IF Leakage
At 1× LO frequency, 50 Ω termination at the RF port
−47
dBm
RF INPUT AT 1760 MHz
Input Return Loss
Relative to 50 Ω (can be improved with external match)
−12
dB
Input P1dB
15
dBm
Second-Order Intercept (IIP2)
−5 dBm each tone (10 MHz spacing between tones)
55
dBm
Third-Order Intercept (IIP3)
−5 dBm each tone (10 MHz spacing between tones)
30.0
dBm
Single-Side Band Noise Figure
IP3SET = 3.3 V
15
dB
IP3SET = open
13.3
dB
LO to IF Leakage
At 1× LO frequency, 50 Ω termination at the RF port
−47
dBm
RF INPUT AT 2010 MHz
Input Return Loss
Relative to 50 Ω (can be improved with external match)
−12
dB
Input P1dB
14.5
dBm
Second-Order Intercept (IIP2)
−5 dBm each tone (10 MHz spacing between tones)
57
dBm
Third-Order Intercept (IIP3)
−5 dBm each tone (10 MHz spacing between tones)
28.5
dBm
Single-Side Band Noise Figure
IP3SET = 3.3 V
16
dB
IP3SET = open
14.7
dB
LO to IF Leakage
At 1× LO frequency, 50 Ω termination at the RF port
−46
dBm
IF OUTPUT
Voltage Conversion Gain
Differential 200 Ω load
6
dB
IF Bandwidth
Small-signal 3 dB bandwidth
500
MHz
Output Common-Mode Voltage
External pull-up balun or inductors required
5
V
Gain Flatness
Over frequency range, any 5 MHz/50 MHz
0.2/1.0
dB
Gain Variation
Over full temperature range
1.0
dB
Output Swing
Differential 200 Ω load
2
V p-p
Output Return Loss
Relative to 200 Ω
−12
dB
LO INPUT/OUTPUT (LOP, LON)
Externally applied 1× LO input, internal PLL disabled
Frequency Range
250
6000
MHz
Output Level (LO as Output)
1× LO into a 50 Ω load, LO output buffer enabled
−7
dBm
Input Level (LO as Input)
±6
dBm
Input Impedance
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com