Electronic Components Datasheet Search
  English  ▼

X  

AS1116 Datasheet(PDF) 12 Page - ams AG

Part # AS1116
Description  64 LED Driver with Detailed Error Detection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1116 Datasheet(HTML) 12 Page - ams AG

Back Button AS1116 Datasheet HTML 8Page - ams AG AS1116 Datasheet HTML 9Page - ams AG AS1116 Datasheet HTML 10Page - ams AG AS1116 Datasheet HTML 11Page - ams AG AS1116 Datasheet HTML 12Page - ams AG AS1116 Datasheet HTML 13Page - ams AG AS1116 Datasheet HTML 14Page - ams AG AS1116 Datasheet HTML 15Page - ams AG AS1116 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
www.austriamicrosystems.com
Revision 1.04
12 - 20
AS1116
Datasheet - D e t a i l e d D e s c r i p t i o n
Display-Test Mode
The AS1116 can detect open or shorted LEDs. Readout of either open LEDs (D2=1) or short LEDs (D1=1) is possible,
as well as a OR relation of open and short (D1=D2=1). After a dignostic run bit D4 can be read to clearify if an error
occurred before reading out detailed diagnostic data.
Note:
All settings of the digit- and control-registers are maintained.
LED Diagnostic Registers
These eight registers contain the result of the LED open/short test for the individual LED of each digit.
Note:
If more than 2 shorts occure in the LED array, detection of individual LED fault could become limited to blocs.
Intensity Control Register (0x0A)
The brightness of the display can be controlled by digital means using the Intensity Control Registers and by analog
means using RSET (see Selecting RSET Resistor Value and Using External Drivers on page 15). The intensity can be
controlled globally for all digits, or for each digit individually. The global intensity command will write intensity data to all
four individual brightness registers, while the individual intesity command will only write to the associated individual
intensity register.
Table 13.
Testmode Register Summary
D7
D6
D5
D4
D3
D2
D1
D0
X
REXT_short
REXT_open
LED_global
LED_test
LED_open
LED_short
DISP_test
Table 14. Testmode Register Bit Description (Address (HEX) = 0x0F))
Addr: 0x0F
Address
Bit
Bit Name
Default
Access
D7:D0
D0
DISP_test
0
W
Optical display test. (Testmode for external visual test.)
0: Normal operation; 1: Run display test (All digits are tested
independently from scan limit & shutdown register.)
D1
LED_short
0
W
Starts a test for shorted LEDs. (Can be set together with D2)
0: Normal operation; 1: Activate testmode
D2
LED_open
0
W
Starts a test for open LEDs. (Can be set together with D1)
0: Normal operation; 1: Activate testmode
D3
LED_test
0
R
Indicates an ongoing open/short LED test
0: No ongoing LED test; 1: LED test in progress
D4
LED_global
0
R
Indicates that the last open/short LED test has detected an error
0: No error detected; 1: Error detected
D5
REXT_open
0
R
Checks if external resistor REXT is open
0: REXT correct; 1: REXT is open
D6
REXT_short
0
R
Checks if external resistor REXT is shorted
0: REXT correct; 1: REXT is shorted
D7
0
-
Not used
Table 15. LED Diagnostic Register Address
Register
HEX
Address
Segment
Register
HEX
Address
Segment
Digit
D7
D6
D5
D4
D3
D2
D1
D0
Digit
D7
D6 D5 D4 D3 D2 D1 D0
0x14
DIG0
DP
A
B
C
D
E
F
G
0x18
DIG4
DP
A
B
C
D
E
F
G
0x15
DIG1
0x19
DIG5
0x16
DIG2
0x1A
DIG6
0x17
DIG3
0x1B
DIG7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com