Electronic Components Datasheet Search
  English  ▼

X  

AS1116 Datasheet(PDF) 2 Page - ams AG

Part # AS1116
Description  64 LED Driver with Detailed Error Detection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1116 Datasheet(HTML) 2 Page - ams AG

  AS1116 Datasheet HTML 1Page - ams AG AS1116 Datasheet HTML 2Page - ams AG AS1116 Datasheet HTML 3Page - ams AG AS1116 Datasheet HTML 4Page - ams AG AS1116 Datasheet HTML 5Page - ams AG AS1116 Datasheet HTML 6Page - ams AG AS1116 Datasheet HTML 7Page - ams AG AS1116 Datasheet HTML 8Page - ams AG AS1116 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.austriamicrosystems.com
Revision 1.04
2 - 20
AS1116
Datasheet - P i n o u t
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin
Name
QSOP-24
TQFN(4x4)-24
Description
SDI
122
Serial-Data Input. Data is loaded into the internal 16-bit shift register
on the rising edge of pin SCL.
DIG0:DIG7
2-5, 7-10
1, 2, 4, 5, 7, 8,
23, 24
Digit Drive Lines. Eight digit drive lines that sink current from the
display cathode.
GND
63
Ground.
LD
11
9
Load. Serial Data is loaded into the shift register while this pin is low.
The last 16 bits of serial data are latched on the rising edge of this pin.
N/C
12
6
Not Connected.
ISET
13
10
Set Segment Current. Connect to VDD or a reference voltage through
RSET to set the peak segment current (see Selecting RSET Resistor
Value and Using External Drivers on page 15).
SCL
14
11
Serial-Clock Input. 10MHz maximum rate. Data is shifted into the
internal shift register on the rising edge of this pin. Data is clocked out of
pin SDO on the rising edge of this pin.
SEGA:SEG
G, SEGDP
15-18,
20-23
12-15,
17-20
Seven Segment and Decimal Point Drive Lines. 8 seven-segment
drives and decimal point drive that source current to the display.
VDD
19
16
Positive Supply Voltage. Connect to +2.7 to +5.5V supply.
SDO
24
21
Serial-Data Output. The data into pin SDI is valid at pin SDO 16 clock
cycles later. This pin is used to daisy-chain several devices and is never
high-impedance.
AS1116
SEG E
8
18
SEGB
14
DIG2
1
GND
3
AS1116
DIG5
5
10
12
VDD
16
SEGC
17
SEGG
15
SEGF
13
DIG3
2
DIG4
4
N/C
6
11
9
7
23
21
19
20
22
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com