Electronic Components Datasheet Search
  English  ▼

X  

AS1116 Datasheet(PDF) 5 Page - ams AG

Part # AS1116
Description  64 LED Driver with Detailed Error Detection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1116 Datasheet(HTML) 5 Page - ams AG

  AS1116 Datasheet HTML 1Page - ams AG AS1116 Datasheet HTML 2Page - ams AG AS1116 Datasheet HTML 3Page - ams AG AS1116 Datasheet HTML 4Page - ams AG AS1116 Datasheet HTML 5Page - ams AG AS1116 Datasheet HTML 6Page - ams AG AS1116 Datasheet HTML 7Page - ams AG AS1116 Datasheet HTML 8Page - ams AG AS1116 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.austriamicrosystems.com
Revision 1.04
5 - 20
AS1116
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
RSET = 9.53k
Ω, VRset = VDD;
Figure 3. Display Scan Rate vs. Supply Voltage;
Figure 4. Display Scan Rate vs. Temperature;
840
860
880
900
920
940
960
980
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Vdd (V)
Tamb = - 40°C
Tamb = + 25°C
Tamb = + 85°C
840
860
880
900
920
940
960
980
-40
-15
10
35
60
85
Tamb (°C)
Vdd = 2.7V
Vdd = 4V
Vdd = 5V
Vdd = 5.5V
Figure 5. Segment Current vs. Temperature;
Figure 6. Segment Current vs. RSET;
0
10
20
30
40
50
60
-40
-15
10
35
60
85
Tamb (°C)
Vseg = 1.7V; V dd = 2.7V
Vseg = 1.7V; V dd = 5V
Vseg = 3V; V dd = 5V
Vseg = 4V; V dd = 5V
0
10
20
30
40
50
0
1020
30
4050
60
7080
90
Rset (kOhm)
Vseg = 4V; Vdd = 5V
Vseg = 3V; Vdd = 5V
Vseg = 2V; Vdd = 5V
Vseg = 1.7V; Vdd = 2.7V
Figure 7. Segment Current vs. Supply Voltage;
Figure 8. Segment Current vs. VDD; VRset = 2.8V
0
10
20
30
40
50
60
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Vdd (V)
Vseg = 1.7V
Vseg = 3V
Vseg = 4V
0
5
10
15
20
25
30
35
40
45
50
2.7
3
3.3
3.6
3.9
4.2
Vdd (V)
Vseg = 1.7V
Vseg = 2V
Vseg = 2.3V
Vseg = 3.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com