Electronic Components Datasheet Search
  English  ▼

X  

AS1116 Datasheet(PDF) 4 Page - ams AG

Part # AS1116
Description  64 LED Driver with Detailed Error Detection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1116 Datasheet(HTML) 4 Page - ams AG

  AS1116 Datasheet HTML 1Page - ams AG AS1116 Datasheet HTML 2Page - ams AG AS1116 Datasheet HTML 3Page - ams AG AS1116 Datasheet HTML 4Page - ams AG AS1116 Datasheet HTML 5Page - ams AG AS1116 Datasheet HTML 6Page - ams AG AS1116 Datasheet HTML 7Page - ams AG AS1116 Datasheet HTML 8Page - ams AG AS1116 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.austriamicrosystems.com
Revision 1.04
4 - 20
AS1116
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VDD = 2.7 to 5.5V, RSET = 9.53k
Ω, TAMB = -40 to +85°C, typ. values @ TAMB = +25ºC, VDD = 5.0V (unless otherwise
specified).
See Figure 18 on page 8 for more information.
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Operating Supply Voltage
2.7
5.5
V
IDDSD
Shutdown Supply Current
All digital inputs at VDD or
GND, TAMB = +25ºC
0.2
2
µA
IDD
Operating Supply Current
RSET = open circuit.
0.35
0.6
mA
All segments and decimal
point on; ISEG = -40mA.
335
fOSC
Display Scan Rate
8 digits scanned
0.6
0.8
1.2
kHz
IDIGIT
Digit Drive Sink Current
VOUT = 0.65V
320
mA
ISEG
Segment Drive Source Current
VDD = 5.0V, VOUT = (VDD -1V)
-37
-42
-47
mA
ΔISEG
Segment Drive Current Matching
3%
ISEG
Segment Drive Source Current
Average Current
47
mA
Table 4. Logic Inputs/Outputs Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IIH, IIL
Input Current SDI, SCL, LD
VIN = 0V or VDD
-1
1
µA
VIH
Logic High Input Voltage
4.5V < VDD < 5.5V
0.6 x VDD
V
2.7V < VDD < 4.5V
0.7 x VDD
V
VIL
Logic Low Input Voltage
VDD = 5.0V
0.8
V
VDD = 3.0V
0.6
VOH
Output High Voltage
SDO, ISOURCE = -1mA,
VDD = 5.0V
VDD - 1
V
SDO, ISOURCE = -1mA,
VDD = 3.0V
VDD - 0.5
VOL
Output Low Voltage
SDO, ISINK = 1mA
0.4
V
ΔVI
Hysteresis Voltage
SDI, SCL, LD
1
V
Open Detection Level Threshold
0.7x
VDD
0.75x
VDD
0.8x
VDD
V
Short Detection Level Threshold
0.05x VDD
0.1x
VDD
0.15x
VDD
V
Table 5. SPI Timing Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tCP
SCL Clock Period
100
ns
tCH
SCL Pulse Width High
20
ns
tCL
SCL Pulse Width Low
20
ns
tCSS
LD to SCL Rise Setup Time
25
ns
tCSH
SCL Rise to LD Rise Hold Time
10
ns
tDS
SDI Setup Time
0
ns
tDH
SDI Hold Time
5
ns
tDO
Output Data Propagation Delay
CLOAD = 50pF
25
ns
tLDCK
LD Rising Edge to SCL Rising Edge
20
ns
tCSW
Minimum LD Pulse High
20
ns
tDSPD
Data-to-Segment Delay
2.25
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com