Electronic Components Datasheet Search
  English  ▼

X  

AS1335 Datasheet(PDF) 7 Page - ams AG

Part # AS1335
Description  1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1335 Datasheet(HTML) 7 Page - ams AG

Back Button AS1335 Datasheet HTML 3Page - ams AG AS1335 Datasheet HTML 4Page - ams AG AS1335 Datasheet HTML 5Page - ams AG AS1335 Datasheet HTML 6Page - ams AG AS1335 Datasheet HTML 7Page - ams AG AS1335 Datasheet HTML 8Page - ams AG AS1335 Datasheet HTML 9Page - ams AG AS1335 Datasheet HTML 10Page - ams AG AS1335 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
www.austriamicrosystems.com
Revision 1.02
7 - 18
AS1335
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 9. Efficiency vs. Input Voltage, VOUT = 3.5V
Figure 10. Load Regulation, VOUT = 1.0V
50
60
70
80
90
100
2.6
3
3.4
3.8
4.2
4.6
5
Input Voltage (V)
Iout =400mA
Iout =600mA
Iout =800mA
Iout =950mA
0.95
0.97
0.99
1.01
1.03
1.05
10
100
1000
10000
Output Current (mA)
Vin = 5.5V
Vin = 5.0V
Vin = 4.5V
Vin = 3.5V
Vin = 2.5V
Figure 11. Load Regulation, VOUT = 1.5V
Figure 12. Line Regulation, VOUT vs. VIN;
1.3
1.35
1.4
1.45
1.5
1.55
1.6
1.65
1.7
10
100
1000
10000
Output Current (mA)
Vi n =5.5V
Vi n =5.0V
Vi n =3.6V
0.9
0.92
0.94
0.96
0.98
1
1.02
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
Iout = 100mA
Iout = 300mA
Iout = 700mA
Iout = 1000mA
Iout = 1500mA
Figure 13. Load Step 40mA to 500mA; VIN = 4V
Figure 14. Load Step 40mA to 1A; VIN = 4V
100µs/Div
100µs/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com