Electronic Components Datasheet Search
  English  ▼

X  

AS1335 Datasheet(PDF) 5 Page - ams AG

Part # AS1335
Description  1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1335 Datasheet(HTML) 5 Page - ams AG

  AS1335 Datasheet HTML 1Page - ams AG AS1335 Datasheet HTML 2Page - ams AG AS1335 Datasheet HTML 3Page - ams AG AS1335 Datasheet HTML 4Page - ams AG AS1335 Datasheet HTML 5Page - ams AG AS1335 Datasheet HTML 6Page - ams AG AS1335 Datasheet HTML 7Page - ams AG AS1335 Datasheet HTML 8Page - ams AG AS1335 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.austriamicrosystems.com
Revision 1.02
5 - 18
AS1335
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
IPOK
POK Output Leakage
Current
VPOK = VIN = 3.6V
0.01
1
µA
Oscillator
fOSC
Oscillator Frequency
VFB = 0.6V or VOUT = 100% of regulated
output voltage
1.2
1.5
1.8
MHz
Thermal Shutdown
Thermal Shutdown
150
°C
Thermal Shutdown
Hysteresis
25
°C
1. The dynamic supply current is higher due to the gate charge delivered at the switching frequency. The Quies-
cent Current is measured while the DC-DC Converter is not switching.
2. The device is tested in a proprietary test mode where VFB is connected to the output of the DC/DC converter.
3. Only valid for the adjustable version;
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com