Electronic Components Datasheet Search
  English  ▼

X  

AS1335 Datasheet(PDF) 9 Page - ams AG

Part # AS1335
Description  1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1335 Datasheet(HTML) 9 Page - ams AG

Back Button AS1335 Datasheet HTML 5Page - ams AG AS1335 Datasheet HTML 6Page - ams AG AS1335 Datasheet HTML 7Page - ams AG AS1335 Datasheet HTML 8Page - ams AG AS1335 Datasheet HTML 9Page - ams AG AS1335 Datasheet HTML 10Page - ams AG AS1335 Datasheet HTML 11Page - ams AG AS1335 Datasheet HTML 12Page - ams AG AS1335 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
www.austriamicrosystems.com
Revision 1.02
9 - 18
AS1335
Datasheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
The AS1335 is a high-efficiency buck converter that uses a constant-frequency current-mode architecture. The device
contains two internal MOSFET switches and is available with a user-adjustable output voltage.
Figure 18. AS1335 - Block Diagram
Main Control Loop
During normal operation, the internal top power MOSFET is turned on each cycle when the oscillator sets the RS latch.
This switch is turned off when the current comparator (ICOMP) resets the RS latch. The peak inductor current (IPK) at
which ICOMP resets the RS latch, is controlled by the error amplifier. When ILOAD increases, VFB decreases slightly
relative to the internal 0.6V reference, causing the error amplifier’s output voltage to increase until the average inductor
current matches the new load current.
When the top MOSFET is off, the bottom MOSFET is turned on until the inductor current starts to reverse as indicated
by the current reversal comparator (IRCMP), or the next clock cycle begins. The over-voltage detection comparator
(OVDET) guards against transient overshoots >7.8% by turning the main switch off and keeping it off until the transient
is removed.
AS1335
OSC
Frequency
Shift
0.6V
Reference
+
Error
Amp
Shutdown
Ramp
Compensator
0.6V
OSCN
Digital
Logic
0.6V +
ΔVOVL
0.6V -
ΔVOVL
OVDET
+
+
ICOMP
+
IRCMP
+
Anti-
Shoot
Through
Main
EN
FB
VIN
SW
GND
Power-OK
Compare
Logic
RSI
POK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com