Electronic Components Datasheet Search
  English  ▼

X  

AS1335 Datasheet(PDF) 10 Page - ams AG

Part # AS1335
Description  1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1335 Datasheet(HTML) 10 Page - ams AG

Back Button AS1335 Datasheet HTML 6Page - ams AG AS1335 Datasheet HTML 7Page - ams AG AS1335 Datasheet HTML 8Page - ams AG AS1335 Datasheet HTML 9Page - ams AG AS1335 Datasheet HTML 10Page - ams AG AS1335 Datasheet HTML 11Page - ams AG AS1335 Datasheet HTML 12Page - ams AG AS1335 Datasheet HTML 13Page - ams AG AS1335 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
www.austriamicrosystems.com
Revision 1.02
10 - 18
AS1335
Datasheet - D e t a i l e d D e s c r i p t i o n
Short-Circuit Protection
This frequency reduction ensures that the inductor current has more time to decay, thus preventing runaway condi-
tions. fOSC will progressively increase to 1.5MHz when VOUT > 0V or VFB > 0V.
Dropout Operation
The AS1335 is working with a low input-to-output voltage difference by operating at 100% duty cycle. In this state, the
PMOS is always on. This is particularly useful in battery-powered applications with a 3.3V output.
The AS1335 allows the output to follow the input battery voltage as it drops below the regulation voltage. The quies-
cent current in this state rises minimally to only 400µA (max), which aids in extending battery life. This dropout (100%
duty-cycle) operation achieves long battery life by taking full advantage of the entire battery range.
The input voltage requires maintaining regulation and is a function of the output voltage and the load. The difference
between the minimum input voltage and the output voltage is called the dropout voltage. The dropout voltage is there-
fore a function of the on-resistance of the internal PMOS (RDS(ON)PMOS) and the inductor resistance (DCR) and this is
proportional to the load current.
Note: At low VIN values, the RDS(ON) of the P-channel switch increases (see Electrical Characteristics on page 4).
Therefore, power dissipation should be taken in consideration.
Shutdown
Connecting EN to GND or logic low places the AS1335 in shutdown mode and reduces the supply current to 0.1µA. In
shutdown the control circuitry and the internal NMOS and PMOS turn off and SW becomes high impedance discon-
necting the input from the output. The output capacitance and load current determine the voltage decay rate. For nor-
mal operation connect EN to VIN or logic high.
Note: Pin EN should not be left floating.
Power-OK Functionality
The AS1335’s power-ok circuitry offers a 215ms delayed power-ok signal. As long as the output voltage is outside of
the power-ok regulation window the POK pin drives an open-drain low signal. As soon as the output voltage is within
the regulation window, the internal open-drain MOSFET is turned off and the POK pin can be externally pulled to high.
The output of the power-ok signal is delayed by 215ms.
RSI Signal
With the RSI signal the internal power-ok timer can be reseted or delayed. As long as the input to RSI is high the POK
signal remains low, regardless of the output voltage condition.
Thermal Shutdown
Due to its high-efficiency design, the AS1335 will not dissipate much heat in most applications. However, in applica-
tions where the AS1335 is running at high ambient temperature, uses a low supply voltage, and runs with high duty
cycles (such as in dropout) the heat dissipated may exceed the maximum junction temperature of the device.
As soon as the junction temperature reaches approximately 150ºC the AS1335 goes in thermal shutdown. In this mode
the internal PMOS & NMOS switch are turned off. The device will power up again, as soon as the temperature falls
below +125°C again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com