Electronic Components Datasheet Search
  English  ▼

X  

AS1341 Datasheet(PDF) 7 Page - ams AG

Part # AS1341
Description  20V, 600mA, 100% Duty Cycle, Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1341 Datasheet(HTML) 7 Page - ams AG

Back Button AS1341_1 Datasheet HTML 3Page - ams AG AS1341_1 Datasheet HTML 4Page - ams AG AS1341_1 Datasheet HTML 5Page - ams AG AS1341_1 Datasheet HTML 6Page - ams AG AS1341_1 Datasheet HTML 7Page - ams AG AS1341_1 Datasheet HTML 8Page - ams AG AS1341_1 Datasheet HTML 9Page - ams AG AS1341_1 Datasheet HTML 10Page - ams AG AS1341_1 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
www.austriamicrosystems.com
Revision 1.05
7 - 17
AS1341
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 15. Load Regulation, VOUT vs. IOUT;
VIN = 12V, VOUT = 5V
Figure 16. Load Regulation, VOUT vs. IOUT;
VIN = 12V, VOUT = 3.3V
4.85
4.9
4.95
5
5.05
5.1
5.15
0
100
200
300
400
500
600
Output Current (mA)
ILIMIT = high
ILIMIT = low
ILIMIT = high
ILIMIT = low
3.2
3.25
3.3
3.35
3.4
0
100
200
300
400
500
600
Output Current (mA)
ILIMIT = high
ILIMIT = low
Figure 17. Line Transient Response; IOUT = 500mA
Figure 18. Load Transient Response
200µs/Div
10V
15V
10µs/Div
10mA
500mA
Figure 19. LX Waveform; VIN = 20V, IOUT = 500mA
Figure 20. Startup Waveform; RLOAD = 100
Ω
2µs/Div
100µs/Div
0V
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com