Electronic Components Datasheet Search
  English  ▼

X  

AS1341 Datasheet(PDF) 6 Page - ams AG

Part # AS1341
Description  20V, 600mA, 100% Duty Cycle, Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1341 Datasheet(HTML) 6 Page - ams AG

Back Button AS1341_1 Datasheet HTML 2Page - ams AG AS1341_1 Datasheet HTML 3Page - ams AG AS1341_1 Datasheet HTML 4Page - ams AG AS1341_1 Datasheet HTML 5Page - ams AG AS1341_1 Datasheet HTML 6Page - ams AG AS1341_1 Datasheet HTML 7Page - ams AG AS1341_1 Datasheet HTML 8Page - ams AG AS1341_1 Datasheet HTML 9Page - ams AG AS1341_1 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
www.austriamicrosystems.com
Revision 1.05
6 - 17
AS1341
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 9. Efficiency vs. Input Voltage;
Figure 10. Output Voltage vs. Input Voltage;
70
75
80
85
90
95
100
5
8
11
14
17
20
Input Voltage (V)
VOUT=3.3V, IOUT=500mA
VOUT=5V, IOUT=500mA
VOUT=3.3V, IOUT=250mA
VOUT=5V, IOUT=250mA
4.85
4.9
4.95
5
5.05
5.1
5.15
5
8
11
14
17
20
Input Voltage (V)
IOUT =1mA
IOUT =100mA
IOUT =300mA
IOUT =500mA
IOUT =600mA
Figure 11. Output Voltage vs. Input Voltage;
VOUT = 3.3V
Figure 12. Peak Switch Current vs. Input Voltage;
VOUT = 3.3V
3.2
3.25
3.3
3.35
3.4
4
6
8
1012
14
161820
Input Voltage (V)
IOUT =1mA
IOUT =100mA
IOUT =300mA
IOUT =500mA
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
5
8
11
14
17
20
Input Voltage (V)
ILIMIT = high
L=10µH
ILIMIT = high
L=39µH
ILIMIT = low
L=10µH
ILIMIT = low
L=39µH
Figure 13. Switching Frequency vs. Output Current;
VIN = 12V, VOUT = 5V, L = 10µH
Figure 14. Switching Frequency vs. Output Current;
VIN = 12V, VOUT = 3.3V, L = 10µH
0
50
100
150
200
250
0
100
200
300
400
500
600
Output Current (mA)
ILIMIT = high
ILIMIT = low
0
50
100
150
200
250
0
100
200
300
400
500
600
Output Current (mA)
ILIMIT = high
ILIMIT = low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com