Electronic Components Datasheet Search
  English  ▼

X  

AS1341 Datasheet(PDF) 8 Page - ams AG

Part # AS1341
Description  20V, 600mA, 100% Duty Cycle, Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1341 Datasheet(HTML) 8 Page - ams AG

Back Button AS1341_1 Datasheet HTML 4Page - ams AG AS1341_1 Datasheet HTML 5Page - ams AG AS1341_1 Datasheet HTML 6Page - ams AG AS1341_1 Datasheet HTML 7Page - ams AG AS1341_1 Datasheet HTML 8Page - ams AG AS1341_1 Datasheet HTML 9Page - ams AG AS1341_1 Datasheet HTML 10Page - ams AG AS1341_1 Datasheet HTML 11Page - ams AG AS1341_1 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
www.austriamicrosystems.com
Revision 1.05
8 - 17
AS1341
Datasheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
The AS1341 step-down converter was specifically designed for battery-powered portable devices, including laptop
computers, PDAs, and MP3/DVD/CD players. The advanced current-limited control scheme provides high-efficiency
over a wide range of output loads. The highly-efficient operation (up to 100% duty cycle) allows extremely low dropout
voltage, increasing the usable supply voltage range. In no-load conditions the AS1341 draws only 12µA; in shutdown
mode it draws only 0.8µA to further reduce power consumption and extend battery life.
The AS1341 features an integrated 20V switching MOSFET, internal current sensing, and a high switching frequency,
for minimal PCB space and external component requirements.
Figure 21. AS1341 - Block Diagram - 5V fixed Output Voltage
Current-Limit Control
The AS1341 uses a proprietary current-limiting control scheme with operation up to 100% duty cycle. The DC-DC con-
verter pulses as needed to maintain regulation, resulting in a variable switching frequency that increases with the load.
This eliminates the high-supply currents associated with conventional constant-frequency pulse-width-modulation
(PWM) controllers that unnecessarily switch the MOSFET.
When the output voltage is too low, the error comparator sets a flip-flop, which turns on the internal P-channel MOS-
FET and begins a switching cycle. The inductor current ramps up linearly, storing energy in a magnetic field while
charging the output capacitor and servicing the load (see Figure 19 on page 7).
The MOSFET turns off when the peak current limit is reached, or when the maximum on-time of 10µs is exceeded and
the output voltage is in regulation. If the output is out of regulation and the peak current is never reached, the MOSFET
remains on, allowing a duty cycle up to 100%. This feature ensures the lowest possible dropout voltage.
Once the MOSFET turns off, the flip-flop resets, the inductor current is pulled through D1 (see Figure 21), and the cur-
rent through the inductor ramps back down, transferring the stored energy to the output capacitor and load. The MOS-
FET remains off until the 0.4µs minimum off-time expires, and the output voltage goes out of regulation.
AS1341
4
LX
8
OUT
5
IN
1
FB
6
ILIMIT
Current Limit
Control
2
GND
+
–
Maximum On-
Time Delay
QR
S
Minimum Off-
Time Delay
+
–
+
–
100mV
VSET
1.25V
+
–
+
–
+
–
+
–
L1
CIN
COUT
+
D1
RPULL
3
POK
7
SHDNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com