Electronic Components Datasheet Search
  English  ▼

X  

AS1341 Datasheet(PDF) 5 Page - ams AG

Part # AS1341
Description  20V, 600mA, 100% Duty Cycle, Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1341 Datasheet(HTML) 5 Page - ams AG

  AS1341_1 Datasheet HTML 1Page - ams AG AS1341_1 Datasheet HTML 2Page - ams AG AS1341_1 Datasheet HTML 3Page - ams AG AS1341_1 Datasheet HTML 4Page - ams AG AS1341_1 Datasheet HTML 5Page - ams AG AS1341_1 Datasheet HTML 6Page - ams AG AS1341_1 Datasheet HTML 7Page - ams AG AS1341_1 Datasheet HTML 8Page - ams AG AS1341_1 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.austriamicrosystems.com
Revision 1.05
5 - 17
AS1341
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
VOUT = 5V, TAMB = +25ºC (unless otherwise specified);
Figure 3. Efficiency vs. IOUT
Figure 4. Efficiency vs. IOUT
50
55
60
65
70
75
80
85
90
95
100
0.1
1
10
100
1000
Output Current (mA)
VIN = 20V
VIN = 12V
VIN = 6V
ILIMIT = high
50
55
60
65
70
75
80
85
90
95
100
0.1
1
10
100
1000
Output Current (mA)
VIN = 20V
VIN = 12V
VIN = 6V
ILIMIT = low
Figure 5. Efficiency vs. IOUT; VOUT = 3.3V
Figure 6. Efficiency vs. IOUT; VOUT = 3.3V
50
55
60
65
70
75
80
85
90
95
100
0.1
1
10
100
1000
Output Current (mA)
VIN = 20V
VIN = 12V
VIN = 4.5V
ILIMIT = high
50
55
60
65
70
75
80
85
90
95
100
0.1
1
10
100
1000
Output Current (mA)
VIN = 20V
VIN = 12V
VIN = 4.5V
ILIMIT = low
Figure 7. Efficiency vs. IOUT; VIN = 12V
Figure 8. Efficiency vs. IOUT; VIN = 12V
65
70
75
80
85
90
95
0.1
1
10
100
1000
Output Current (mA)
22uH
10uH
4.1uH
ILIMIT = high
65
70
75
80
85
90
95
0.1
1
10
100
1000
Output Current (mA)
10uH
39uH
22uH
ILIMIT = low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com