Electronic Components Datasheet Search
  English  ▼

X  

1313 Datasheet(PDF) 4 Page - Electronic Film Capacitors, Inc.

Part # 1313
Description  METALLIZED POLYESTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

1313 Datasheet(HTML) 4 Page - Electronic Film Capacitors, Inc.

  1313 Datasheet HTML 1Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 2Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 3Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 4Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 5Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 6Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 7Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 8Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 9Page - Electronic Film Capacitors, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.240
.260
.230
.250
.260
.250
.270
.290
.320
.290
.310
.330
.350
.350
.380
.410
.450
.440
.490
.520
.590
.580
.620
.750
.990
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.240
.260
.270
.280
.290
.240
.260
.280
.300
.280
.300
.320
.350
.390
.370
.400
.430
.430
.460
.500
.490
.530
.600
.640
.720
.760
.830
1.010
1.270
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.126
.140
.160
.170
.180
.190
.140
.160
.180
.200
.180
.200
.220
.250
.290
.240
.270
.300
.300
.330
.370
.320
.360
.430
.470
.550
.590
.660
.810
1.070
EFC
1313TF
µµµµµF
T
W
L
T
W
L
T
W
L
T
W
L
T
W
L
T
W
L
1313TF-1
50 VDC
1313TF-2
100 VDC
1313TF-3
150 VDC
1313TF-3
200 VDC
1313TF-3
400 VDC
1313TF-3
600 VDC
DIMENSIONS and RATINGS
1313TF
Cap.
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.130
.140
.160
.130
.150
.170
.190
.170
.190
.210
.180
.210
.240
.220
.270
.320
.340
.390
.330
.450
.590
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.230
.240
.260
.230
.250
.270
.290
.270
.290
.310
.280
.310
.340
.350
.400
.450
.470
.520
.500
.620
.760
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.468
.468
.468
.468
.531
.531
.531
.656
.656
.656
.781
.781
.781
.906
.906
1.190
1.190
1.440
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.531
.531
.531
.531
.531
.531
.656
.656
.656
.656
.781
.781
.781
.781
.906
.906
.906
1.190
1.190
1.190
1.190
1.190
1.440
1.440
1.440
1.690
1.690
.125
.125
.125
.125
.125
.140
.160
.180
.130
.140
.150
.160
.180
.200
.230
.190
.220
.250
.280
.240
.270
.300
.330
.320
.360
.400
.350
.390
.440
.490
.470
.530
.590
.610
.690
.670
.750
.840
.830
.990
.225
.225
.225
.225
.225
.240
.260
.280
.230
.240
.250
.260
.280
.300
.330
.290
.320
.350
.380
.370
.400
.430
.460
.450
.490
.530
.520
.560
.610
.660
.640
.700
.760
.780
.860
.870
.950
1.040
1.030
1.190
.406
.406
.406
.406
.406
.406
.406
.406
.531
.531
.531
.531
.531
.531
.531
.656
.656
.656
.656
.781
.781
.781
.781
.906
.906
.906
1.190
1.190
1.190
1.190
1.440
1.440
1.440
1.570
1.570
1.820
1.820
1.820
2.250
2.250
<
><
L _.050"
>
1.625"
Min.
_ .050"
+
+_ .050"
W
T
<
>
ELECTRONIC FILM CAPACITORS, INC.
Reidville Industrial Park * 41 Interstate Lane * WATERBURY, CONNECTICUT 06705
Phone (203) 755-5629
FAX (203) 755-0659
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.140
.160
.130
.150
.160
.150
.170
.190
.220
.190
.210
.230
.250
.220
.250
.280
.320
.310
.360
.350
.420
.410
.450
.580
.790
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.468
.468
.468
.531
.531
.531
.531
.656
.656
.656
.656
.781
.781
.781
.781
.906
.906
1.190
1.190
1.440
1.440
1.570
1.690
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.531
.531
.531
.531
.656
.656
.656
.656
.656
.781
.781
.781
.906
.906
.906
1.190
1.190
1.190
1.440
1.440
1.570
1.570
1.690
1.940
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.406
.531
.531
.531
.531
.531
.531
.531
.656
.656
.656
.781
.781
.781
.781
.906
.906
.906
1.190
1.190
1.190
1.190
1.440
1.440
1.570
1.690
1.940
Lead Specs.
Tinned Copperweld
Under .190T = 24 AWG
.190 - .380T = 22 AWG
Above .380T = 20 AWG
.001
.0012
.0015
.0018
.0022
.0027
.0033
.0039
.0047
.0056
.0068
.0082
.01
.012
.015
.018
.022
.027
.033
.039
.047
.056
.068
.082
.1
.12
.15
.18
.22
.27
.33
.39
.47
.56
.68
.82
1.0
1.25
1.5
2.0
3.0
4.0
5.0
6.0
10.0
20.0
Oval
Wrap and Fill
+
(All dimensions in inches)
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.140
.160
.180
.130
.140
.150
.160
.190
.210
.230
.190
.230
.260
.220
.250
.280
.320
.320
.340
.370
.320
.370
.420
.490
.540
.630
.680
.690
.840
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.125
.140
.160
.180
.130
.140
.160
.180
.200
.220
.190
.210
.230
.260
.230
.260
.290
.330
.320
.360
.410
.340
.380
.420
.470
.530
.510
.580
.650
.660
.830
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.240
.260
.280
.230
.240
.260
.280
.300
.320
.290
.310
.330
.360
.380
.390
.420
.460
.450
.490
.540
.510
.550
.590
.640
.700
.680
.750
.820
.860
1.030
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.225
.240
.260
.280
.230
.240
.250
.260
.290
.310
.330
.290
.330
.360
.350
.380
.410
.450
.450
.470
.500
.490
.540
.590
.660
.710
.800
.850
.890
1.040
EFC will manufacture to any non-standard value and size. Please consult factory for special requirements.
Metallized
Polyester
Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com