Electronic Components Datasheet Search
  English  ▼

X  

1313 Datasheet(PDF) 7 Page - Electronic Film Capacitors, Inc.

Part # 1313
Description  METALLIZED POLYESTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

1313 Datasheet(HTML) 7 Page - Electronic Film Capacitors, Inc.

Back Button 1313 Datasheet HTML 3Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 4Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 5Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 6Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 7Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 8Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 9Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 10Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 11Page - Electronic Film Capacitors, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DIMENSIONS and RATINGS
1313EFR
Cap.
<
L _.010"
>
_ .010"
+
H
ELECTRONIC FILM CAPACITORS, INC
.
Reidville Industrial Park * 41 Interstate Lane * WATERBURY, CONNECTICUT 06705
Phone (203) 755-5629
FAX (203) 755-0659
.001
.0012
.0015
.0018
.0022
.0027
.0033
.0039
.0047
.0056
.0068
.0082
.01
.012
.015
.018
.022
.027
.033
.039
.047
.056
.068
.082
.1
.12
.15
.18
.22
.27
.33
.39
.47
.56
.68
.82
1.0
1.25
1.5
2.0
3.0
4.0
5.0
6.0
10.0
+
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.180
.180
.180
.180
.180
.180
.180
.180
.180
.240
.240
.300
.300
.300
.300
.300
.300
.400
.400
.400
.400
.570
.570
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.180
.180
.180
.180
.180
.180
.180
.180
.180
.180
.240
.240
.300
.300
.300
.300
.300
.300
.400
.400
.400
.400
.570
.570
.570
.570
.180
.180
.180
.180
.180
.180
.180
.180
.180
.180
.180
.180
.180
.180
.180
.180
.180
.180
.180
.240
.240
.240
.240
.300
.300
.300
.300
.300
.300
.300
.400
.400
.400
.570
.570
.570
.570
.570
.570
.570
EFC
1313EFR
T
_ .010"
+
< >
<
S _.015"
>
+
1.00 "
MIN
1313EFR-3
600 VDC
1313EFR-3
400 VDC
1313EFR-3
200 VDC
1313EFR-2
100 VDC
1313EFR-1
50 VDC
.180
.180
.180
.180
.180
.180
.180
.180
.180
.180
.180
.180
.180
.180
.180
.180
.240
.240
.300
.300
.300
.300
.300
.300
.300
.400
.400
.400
.440
.400
.400
.400
.400
.570
.570
.570
(All dimensions in inches)
EFC will manufacture to any non-standard value and size. Please consult factory for special requirements.
µµµµµF
Metallized
Polyester
Capacitors
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.380
.380
.430
.430
.430
.430
.430
.430
.560
.560
.560
.560
.730
.730
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.550
.550
.550
.550
.550
.550
.550
.550
.550
.670
.820
.820
1.040
1.240
1.240
1.240
1.240
1.750
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.380
.380
.430
.430
.430
.430
.430
.430
.560
.560
.560
.560
.730
.730
.730
.730
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.550
.550
.550
.550
.550
.550
.550
.550
.550
.670
.820
.820
.820
.820
1.240
1.240
1.240
1.240
1.240
1.750
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.380
.380
.430
.430
.430
.430
.430
.430
.430
.560
.560
.560
.560
.560
.560
.560
.730
.730
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.550
.550
.550
.550
.550
.550
.570
.570
.570
.670
.820
.820
.820
.820
.820
1.040
1.040
1.240
1.240
1.240
1.500
1.750
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.380
.380
.380
.380
.430
.430
.430
.430
.430
.430
.430
.560
.560
.560
.730
.730
.730
.730
.730
.730
.730
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.420
.550
.550
.550
.550
.550
.550
.550
.550
.670
.670
.670
.820
.820
.820
.820
1.040
1.040
1.240
1.240
1.240
1.240
1.240
1.240
1.750
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.330
.380
.380
.430
.430
.430
.430
.430
.430
.430
.560
.560
.560
.560
.560
.560
.560
.560
.730
.730
.730
.550
.550
.550
.550
.550
.550
.550
.550
.550
.550
.550
.550
.550
.550
.550
.550
.550
.550
.550
.670
.670
.670
.820
.820
.820
.820
.820
1.040
1.240
1.240
1.240
1.240
1.240
1.240
1.240
1.750
T
L
H
T
L
H
T
L
H
T
L
H
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.160
.180
.180
.180
.180
.180
.180
.180
.240
.240
.330
.300
.300
.300
.300
.300
.300
.400
.400
.400
.400
.400
.400
.400
.570
.570
T
L
H
L
.420
.550
.670
.820
1.04
1.24
1.75
AWG
22
22
22
22
22
20
20
S
.30
.40
.50
.60
.80
1.10
1.60
Epoxy Case
(Radial Leads)
Lead Specs. - Tinned Copperweld



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com