Electronic Components Datasheet Search
  English  ▼

X  

1313 Datasheet(PDF) 9 Page - Electronic Film Capacitors, Inc.

Part # 1313
Description  METALLIZED POLYESTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

1313 Datasheet(HTML) 9 Page - Electronic Film Capacitors, Inc.

Back Button 1313 Datasheet HTML 5Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 6Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 7Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 8Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 9Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 10Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 11Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 12Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 13Page - Electronic Film Capacitors, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
1313DFR-3
100 VDC
1313DFR-3
160 VDC
1313DFR-3
250 VDC
1313DFR-3
400 VDC
1313DFR-3
630 VDC
1313DFR-3
1000 VDC
Cap.
µµµµµF
1313DFR
DIMENSIONS and RATINGS
ELECTRONIC FILM CAPACITORS, INC.
(All dimensions in millimeters)
.001
.0012
.0015
.0022
.0027
.0039
.0047
.0056
.0068
.0082
.01
.012
.015
.018
.022
.027
.033
.039
.047
.056
.068
.082
.1
.12
.15
.18
.22
.27
.33
.39
.47
.56
.68
.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
Lead Specs. - Tinned Copperweld
L
Epoxy Dipped
(Radial Leads)
S
Standard
Metallized
Polyester
Capacitors
T
H
L
T
H
L
T
H
L
T
H
L
T
H
L
T
H
L
DIA.
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.5
5.0
5.5
6.0
6.5
6.0
6.5
7.0
7.5
7.0
7.5
8.0
8.5
9.0
9.5
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.5
8.5
8.5
9.0
9.0
9.5
10.0
10.5
11.5
12.0
12.0
12.5
13.0
13.5
13.0
13.5
14.5
16.0
17.0
18.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
12.5
12.5
12.5
12.5
12.5
12.5
18.0
18.0
18.0
18.0
26.0
26.0
26.0
26.0
26.0
26.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
5.5
4.5
4.5
5.0
5.5
6.0
5.0
5.5
6.0
7.0
7.5
8.0
7.5
8.0
8.5
9.0
9.5
10.5
10.0
11.0
12.0
13.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.5
9.0
11.0
9.0
9.5
10.0
11.0
12.0
10.0
11.0
12.0
13.0
13.5
14.0
13.5
14.0
15.5
17.0
18.0
20.0
19.0
21.0
22.0
24.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
12.5
12.5
12.5
12.5
12.5
12.5
18.0
18.0
18.0
18.0
18.0
18.0
26.0
26.0
26.0
26.0
26.0
26.0
31.0
31.0
31.0
31.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.5
4.0
4.5
4.5
5.0
5.5
6.5
5.0
5.5
6.0
6.5
7.0
7.5
7.0
8.0
8.5
9.0
9.5
10.0
9.5
10.0
11.5
15.0
13.5
15.0
14.5
16.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.5
9.0
9.0
9.0
9.0
9.5
10.0
11.0
12.0
10.0
11.0
12.0
12.5
13.0
13.5
13.0
14.0
15.5
16.5
17.0
19.0
17.0
19.0
21.0
26.0
25.0
26.0
25.0
30.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
12.5
12.5
12.5
12.5
12.5
12.5
18.0
18.0
18.0
18.0
18.0
18.0
26.0
26.0
26.0
26.0
26.0
26.0
31.0
31.0
31.0
31.0
31.0
31.0
44.0
44.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.5
4.0
4.5
4.5
5.0
6.0
6.5
5.0
5.5
5.5
6.5
7.0
7.5
6.5
7.0
8.0
8.5
9.0
9.5
10.0
10.5
11.5
13.0
14.0
15.5
16.5
17.0
15.5
17.0
18.0
20.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.5
9.0
9.0
9.0
9.5
10.0
11.0
12.0
10.0
11.0
11.5
12.5
13.0
13.5
12.5
13.0
14.5
16.0
17.0
18.0
19.0
20.0
22.0
24.0
25.5
27.0
30.3
32.0
28.0
32.0
33.0
35.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
12.5
12.5
12.5
12.5
12.5
12.5
18.0
18.0
18.0
18.0
18.0
18.0
26.0
26.0
26.0
26.0
26.0
26.0
31.0
31.0
31.0
31.0
31.0
31.0
31.0
31.0
44.0
44.0
44.0
44.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
4.5
4.5
5.0
5.5
6.0
6.0
5.0
5.5
6.0
6.0
6.5
7.0
7.5
7.0
8.0
8.5
9.0
10.0
9.5
10.0
11.0
12.0
13.0
13.5
14.5
16.5
15.0
16.5
18.0
20.5
8.0
8.0
8.0
8.0
8.0
8.0
8.0
9.0
9.0
9.0
9.0
10.0
11.0
11.5
12.0
10.0
11.0
11.5
12.0
12.5
13.0
13.5
13.0
14.0
15.0
17.0
19.0
17.0
19.0
20.5
22.0
23.0
25.0
27.0
30.0
27.0
30.0
33.0
36.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
12.5
12.5
12.5
12.5
12.5
12.5
12.5
18.0
18.0
18.0
18.0
18.0
18.0
18.0
26.0
26.0
26.0
26.0
26.0
31.0
31.0
31.0
31.0
31.0
31.0
31.0
31.0
44.0
44.0
44.0
44.0
4.0
4.0
4.0
4.5
4.5
4.5
4.5
4.5
5.0
5.0
5.5
6.0
5.0
5.5
6.0
6.5
7.0
7.5
7.0
8.0
8.5
9.0
9.5
9.0
10.0
10.5
11.5
12.5
13.5
14.5
16.5
15.0
16.5
17.0
20.0
8.0
8.5
9.0
9.0
9.0
9.0
9.5
9.5
10.0
10.0
11.0
12.0
10.0
11.0
12.0
12.5
13.0
13.5
13.0
15.0
16.0
16.5
18.0
16.5
19.0
20.0
21.0
23.0
25.0
27.0
30.0
27.0
30.0
32.0
35.0
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
12.5
18.0
18.0
18.0
18.0
18.0
18.0
26.0
26.0
26.0
26.0
26.0
31.0
31.0
31.0
31.0
31.0
31.0
31.0
31.0
44.0
44.0
44.0
44.0
EFC will manufacture to any non-standard value and size. Please consult factory for special requirements.
Reidville Industrial Park * 41 Interstate Lane * WATERBURY, CONNECTICUT 06705
Phone (203) 755-5629 * E-Mail: efc@filmcapacitors.com * FAX (203) 755-0659
10.0
7.5
0.6
12.5
10.0
0.6
18.0
15.0
0.8
26.0
22.5
0.8
31.0
27.5
0.8
44.0
38.0
0.8
<
>
EFC
1313DFR
>
<
"L"
max
<
"H"
max
"T"
max
"S"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com