Electronic Components Datasheet Search
  English  ▼

X  

1313 Datasheet(PDF) 12 Page - Electronic Film Capacitors, Inc.

Part # 1313
Description  METALLIZED POLYESTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EFC [Electronic Film Capacitors, Inc.]
Direct Link  http://www.filmcapacitors.com
Logo EFC - Electronic Film Capacitors, Inc.

1313 Datasheet(HTML) 12 Page - Electronic Film Capacitors, Inc.

Back Button 1313 Datasheet HTML 5Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 6Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 7Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 8Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 9Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 10Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 11Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 12Page - Electronic Film Capacitors, Inc. 1313 Datasheet HTML 13Page - Electronic Film Capacitors, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
µµµµµF
T
W
L
DIMENSIONS and RATINGS
Cap.
<
><
L _.050"
>
1.625"
Min.
_ .050"
+
+_ .050"
W
T
<
>
ELECTRONIC FILM CAPACITORS, INC.
Reidville Industrial Park * 41 Interstate Lane * WATERBURY, CONNECTICUT 06705
Phone (203) 755-5629
FAX (203) 755-0659
Oval
Wrap and Fill
+
(All dimensions in inches)
EFC will manufacture to any non-standard value and size. Please consult factory for special requirements.
Metallized
Polyester
Capacitors
EFC
SP1313TF
SP1313TF
1.0
1.5
2.2
3.3
4.7
LEAD
GAUGE
I
RMS
AMPS
I
PEAK
AMPS
µµµµµF
T
W
L
Cap.
1.0
1.5
2.2
3.3
4.7
LEAD
GAUGE
I
RMS
AMPS
I
PEAK
AMPS
.360
.450
.500
.550
.620
.560
.650
.800
.840
1.010
1.125
1.125
1.125
1.250
1.250
20 AWG
20 AWG
20 AWG
20 AWG
18 AWG
2.0
2.0
3.0
4.0
4.0
7.0
11.0
16.0
19.0
26.0
41 m
Ω
34 m
Ω
28 m
Ω
23 m
Ω
19 m
Ω
.550
.690
.630
.790
.960
41 m
Ω
34 m
Ω
28 m
Ω
23 m
Ω
19 m
Ω
10.0
14.0
16.0
23.0
33.0
2.0
3.0
4.0
4.0
4.0
20 AWG
18 AWG
18 AWG
18 AWG
18 AWG
.850
.990
1.020
1.180
1.360
1.200
1.200
1.560
1.560
1.560
SP1313TF-3
250 VDC
SP1313TF-3
400 VDC
Insulation Resistance (Min.)
+25 oC
+85 oC
Megohms x Microfarads
30,000
3,000
Need not exceed (Megohms)
50,000
3,000
100 kHz
ESR
(Max.)
EFC series SP1313TF capacitors are designed specifically for Switching Power Supply applications, where
current and LOW E.S.R. values are important. Capacitance drift over time, due to humidity, temperature
cycling or operation life are negligible. Electrical characteristics, such as insulation resistance (I.R.), dissi-
pation factor and dielectric absorption are superior in this Metallized Polyester capacitor as compared to
the characteristics displayed by Electrolytic Capacitors. In switching power supply applications requiring
medium current, the size and weight savings of the series SP1313TF capacitors coupled with the superior
electrical characteristics mentioned above make SP1313TF capacitors the ideal choice in your new or
existing switching power supply.
Case is flame retardant - tape wrap construction with epoxy end seals.
Capacitance Tolerance: Standard is +/- 20%. Also available is +/- 10% and +/- 5%. The tolerance applies
when measured at 1000 +/- 20 Hz at 25 oC.
Temperature Range: -55 oC to +100 oC.
Humidity Resistance: Tested as outlined in MIL-STD-202C, method 103B, condition A. After final condition
IR, no less than 1/2 minimum values listed in table above. Dielectric strength to withstand test as outlined in
par. 3.4. One failure allowed of 18 units tested.
NOTES:
100 kHz
ESR
(Max.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com