Electronic Components Datasheet Search
  English  ▼

X  

CHA2190 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA2190
Description  20-30GHz Low Noise Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2190 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA2190 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2190 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2190 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2190 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2190 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2190 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2190 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2190 Datasheet HTML 8Page - United Monolithic Semiconductors CHA2190 Datasheet HTML 9Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
20-30GHz Low Noise Amplifier
CHA2190
Ref : DSCHA21902036 -05-Feb.-02-
3/9
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Results
Chip Typical Response ( On wafer Scattering parameters ) :
Tamb = +25°C
Vd=4V Id=+50mA
Freq
dBS11
PS11
dBS12
PS12
dBS21
PS21
dBS22
PS22
mod.
pha.
mod.
pha.
mod.
pha.
mod.
pha.
GHz
dB
deg.dBdeg.dBdeg.dBdeg.
2.00
-0.37
-74.86
-70.84
-53.91
-29.15
56.50
-2.03
-84.36
5.00
-0.53
-151.19
-61.97
-91.19
-54.49
149.52
-4.15
-155.38
8.00
-0.59
157.19
-63.84
-162.71
-21.34
-178.25
-5.97
161.51
9.00
-0.66
141.20
-64.59
167.32
-14.41
176.87
-6.38
149.74
10.00
-0.79
125.32
-62.91
152.65
-7.52
163.27
-7.07
136.72
11.00
-1.00
109.39
-62.00
165.51
-1.20
140.92
-8.02
124.05
12.00
-1.26
93.11
-61.10
65.75
4.21
111.98
-9.38
111.29
13.00
-1.33
73.86
-54.13
-36.78
8.62
79.00
-11.25
101.00
14.00
-1.39
52.92
-45.84
-88.69
12.13
43.65
-14.06
92.70
15.00
-1.79
26.36
-41.70
-126.55
14.89
7.60
-16.84
90.96
16.00
-3.06
-7.27
-38.40
-159.80
16.82
-31.20
-19.09
106.80
17.00
-5.59
-46.11
-36.52
168.18
17.53
-68.31
-17.25
106.98
18.00
-9.90
-88.64
-34.29
139.94
17.39
-102.75
-16.27
97.39
19.00
-13.09
-132.63
-34.84
112.28
16.98
-131.32
-17.29
75.43
20.00
-14.29
-179.39
-34.82
93.31
16.44
-156.45
-18.70
49.82
21.00
-14.48
143.23
-34.24
79.42
15.90
-179.20
-21.00
23.10
22.00
-14.71
118.23
-33.88
62.77
15.50
160.71
-20.27
-12.66
23.00
-14.92
100.80
-33.65
47.72
15.38
141.01
-20.10
-51.60
24.00
-15.42
87.80
-32.93
34.93
15.30
121.05
-17.74
-76.68
25.00
-16.38
78.89
-32.22
20.45
15.22
101.34
-16.09
-98.65
26.00
-16.55
77.15
-31.63
3.26
15.22
81.83
-14.40
-114.01
27.00
-16.33
77.12
-30.73
-11.52
15.24
61.81
-13.10
-131.22
28.00
-14.66
71.74
-30.72
-31.79
15.28
41.14
-12.13
-145.23
29.00
-13.19
61.95
-29.96
-45.41
15.27
20.38
-11.55
-159.84
30.00
-11.49
46.38
-29.74
-65.11
15.22
-1.31
-11.52
-175.03
31.00
-10.10
25.97
-29.29
-84.32
15.13
-23.85
-11.39
171.38
32.00
-8.49
1.99
-29.08
-104.88
14.92
-47.58
-12.30
155.28
33.00
-7.01
-24.08
-29.25
-127.09
14.46
-72.54
-13.60
135.95
34.00
-5.76
-50.88
-28.83
-147.90
13.73
-98.45
-16.45
111.53
35.00
-4.56
-78.91
-29.98
-177.63
12.61
-124.59
-22.00
75.08
36.00
-3.67
-103.63
-31.24
165.34
11.09
-149.58
-20.99
-22.73
37.00
-3.02
-125.99
-31.84
144.11
9.30
-173.89
-17.26
-69.71
38.00
-2.57
-146.23
-35.07
127.07
7.29
163.92
-12.77
-88.90
39.00
-2.18
-162.01
-35.66
98.71
5.36
143.17
-10.42
-108.31
40.00
-1.82
-178.56
-36.87
109.75
3.19
121.75
-8.88
-119.32



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com