Electronic Components Datasheet Search
  English  ▼

X  

CHA2190 Datasheet(PDF) 8 Page - United Monolithic Semiconductors

Part # CHA2190
Description  20-30GHz Low Noise Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2190 Datasheet(HTML) 8 Page - United Monolithic Semiconductors

  CHA2190 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2190 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2190 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2190 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2190 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2190 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2190 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2190 Datasheet HTML 8Page - United Monolithic Semiconductors CHA2190 Datasheet HTML 9Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CHA2190
20-30GHz Low Noise Amplifier
Ref :
DSCHA21902036 -05-Feb.-02-
8/9
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Chip Biasing options
Internal DC schematic
This chip is self-biased, and flexibility is provided by the access to positive Vg.
The internal DC electrical schematic is given in order to use these pads in a safe way.
Absolute recommandations:
N°1 : Do not exceed Vds = 3.5 Volt ( Vds: internal Drain to Source voltage ).
N°2 : Do not bias in such a way that Vgs* becomes positive. (Vgs :internal Gate to Source voltage )
Typical biasing table and Typical results in test Jig at 40 GHz
40GHz IN TEST Jig
Vds ( V) Vg1 (V)
Vg2 (V)
Id (mA)
Typical NF(dB) Typical Gain (dB) Typical P-1dB (dB) Typical Psat (dB)
Standard
4
NC
NC
50
2.2
15
11
13
Low Noise High linearity
4.5
NC
1
60
2.2
15
12
14
Low noise /low current consumption
4NC
-140
2.2
15
9.5
12
Switch off
3.5
-1
-8
0
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com