Electronic Components Datasheet Search
  English  ▼

X  

CHA2190 Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHA2190
Description  20-30GHz Low Noise Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2190 Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHA2190 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2190 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2190 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2190 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2190 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2190 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2190 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2190 Datasheet HTML 8Page - United Monolithic Semiconductors CHA2190 Datasheet HTML 9Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CHA2190
20-30GHz Low Noise Amplifier
Ref :
DSCHA21902036 -05-Feb.-02-
4/9
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Results
Typical Gain , Matching and Noise Figure (On wafer Measurements)
Tamb = +25°C
Vd = 4V Vg1 and Vg2 non connected; Id = 50mA
Typical gain slope versus temperature : -0.025dB/°C
Typical noise figure slope versus temperature : 0.011dB/°C
Chip Typical Response (In test Jig )
-26
-22
-18
-14
-10
-6
-2
2
6
10
14
18
14
16
18
20
22
24
26
28
30
32
34
36
Frequency ( GHz )
-26
-22
-18
-14
-10
-6
-2
2
6
10
14
18
dBS21
NF
dBS11
dBS22
0
2
4
6
8
10
12
14
16
18
20
22
24
18
20
22
24
26
28
30
32
34
36
Frequency (GHz)
0
20
40
60
80
100
120
Id( Vd=4.5V Vg2=+1V)
Id (Vd=4V)
Id (Vd=4V Vg2=-1V)
Gain: Vd=4V
NF : (all biasing options)
Gain: Vd=4.5V Vg2=+1V
Gain: Vd=4V Vg2=-1V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com