Electronic Components Datasheet Search
  English  ▼

X  

AS5030 Datasheet(PDF) 9 Page - ams AG

Part # AS5030
Description  8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 9 Page - ams AG

Back Button AS5030_1 Datasheet HTML 5Page - ams AG AS5030_1 Datasheet HTML 6Page - ams AG AS5030_1 Datasheet HTML 7Page - ams AG AS5030_1 Datasheet HTML 8Page - ams AG AS5030_1 Datasheet HTML 9Page - ams AG AS5030_1 Datasheet HTML 10Page - ams AG AS5030_1 Datasheet HTML 11Page - ams AG AS5030_1 Datasheet HTML 12Page - ams AG AS5030_1 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
AS5030 8-bit Programmable Magnetic Rotary Encoder
Rev. 1.8
www.austriamicrosystems.com
Page 9 of 33
4.12 Connecting the AS5030
The following examples show various ways to connect the AS5030 to an external controller:
4.13 Serial 3-Wire R/W Connection
In this mode, the AS5030 is connected to the external
controller via three signals:
Chip Select (CS), Clock (CLK) inputs and bi-directional DIO
(Data In/Out) output.
The controller sends commands over the DIO pin at the
beginning of each data transmission sequence, such as
reading the angle or putting the AS5030 in and out of the
reduced power modes.
A pull-down resistor (as shown in 4.14) is not required.
C1 and C2 are hardware configuration inputs. C1 must always
be connected to VSS, C2 selects 3-wire mode (C2 = low) or 2-
wire mode (C2 = high)
Figure 4: SSI read/write serial data transmission
Figure 5: Timing diagram in 3-wire SSI R/W mode (timing values in 4.11: General Data Transmission Timings)
Serial bit sequence (16bit read/write):
Write Command
Read/Write Data
C4
C3
C2
C1
C0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
4.14 Serial 3-Wire Read-only Connection
If the AS5030 is only used to provide the angular data (no
power down or OTP access) this simplified connection is
possible. The Chip Select (CS) and Clock (CLK) connection is
the same as in the R/W mode (see 4.13), but only a digital
input pin (not an I/O pin) is required for the DIO connection.
As the first 5 bits of the data transmission are command bits
sent to the AS5030, both the microcontroller and the AS5030
are configured as digital inputs during this phase. Therefore, a
pull-down resistor must be added to make sure that the
AS5030 reads “00000” as the first 5 bits which sets the
Read_Angle command.
Note: all further application examples are shown in R/W
mode, however read-only mode is also possible unless
otherwise noted.
Figure 6: SSI read-only serial data transmission
AS5030
Micro
Controller
100n
CS
CLK
DIO
+5V
VDD
VSS
VSS
C2
VDD
VDD
13
11
10
12
15
C1
VSS
3
14
I/O
Output
Output
AS5030
Micro
Controller
100n
CS
CLK
DIO
+5V
VDD
VSS
VSS
C2
VDD
VDD
13
11
10
12
15
C1
VSS
3
14
Input
10k...
100k
Output
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com