Electronic Components Datasheet Search
  English  ▼

X  

AS5030 Datasheet(PDF) 24 Page - ams AG

Part # AS5030
Description  8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 24 Page - ams AG

Back Button AS5030_1 Datasheet HTML 20Page - ams AG AS5030_1 Datasheet HTML 21Page - ams AG AS5030_1 Datasheet HTML 22Page - ams AG AS5030_1 Datasheet HTML 23Page - ams AG AS5030_1 Datasheet HTML 24Page - ams AG AS5030_1 Datasheet HTML 25Page - ams AG AS5030_1 Datasheet HTML 26Page - ams AG AS5030_1 Datasheet HTML 27Page - ams AG AS5030_1 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
AS5030 8-bit Programmable Magnetic Rotary Encoder
Rev. 1.8
www.austriamicrosystems.com
Page 24 of 33
The resolution of the encoder determines the smallest step size. The angle error caused by quantization cannot get better than
± ½ LSB. As shown in Figure 28, a higher resolution system (right picture) has a smaller quantization error, as the step size is
smaller.
For the AS5030, the quantization error is ± ½ LSB = ± 0.7°
INL including quantization error
-1,5
-1
-0,5
0
0,5
1
1,5
0
45
90
135
180
225
270
315
360
Angle steps
INL
Average (16x)
Figure 29: Typical INL error over 360°
Figure 29 shows a typical example of an error curve over a full turn of 360° at a given X-Y displacement. The curve includes the
quantization error, transition noise and the system error. The total error is ~2.2° peak/peak (± 1.1°).
The sawtooth-like quantization error (see also Figure 28) can be reduced by averaging, provided that the magnet is in constant
motion and there are an adequate number of samples available. The solid bold line in Figure 29 shows the moving average of
16 samples. The INL (intrinsic non-linearity) is reduced to from ~± 1.1° down to ~± 0.3°. The averaging however, also increases
the total propagation delay, therefore it may be considered for low speeds only or adaptive; depending on speed (see also: 0,
Position Error over speed ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com