Electronic Components Datasheet Search
  English  ▼

X  

AS5030 Datasheet(PDF) 28 Page - ams AG

Part # AS5030
Description  8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 28 Page - ams AG

Back Button AS5030_1 Datasheet HTML 24Page - ams AG AS5030_1 Datasheet HTML 25Page - ams AG AS5030_1 Datasheet HTML 26Page - ams AG AS5030_1 Datasheet HTML 27Page - ams AG AS5030_1 Datasheet HTML 28Page - ams AG AS5030_1 Datasheet HTML 29Page - ams AG AS5030_1 Datasheet HTML 30Page - ams AG AS5030_1 Datasheet HTML 31Page - ams AG AS5030_1 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
AS5030 8-bit Programmable Magnetic Rotary Encoder
Rev. 1.8
www.austriamicrosystems.com
Page 28 of 33
-1000
-750
-500
-250
0
250
500
750
1000
-1000
-750
-500
-250
0
250
500
750
1000
0,000
0,500
1,000
1,500
2,000
2,500
3,000
3,500
4,000
4,500
5,000
INL [°]
X Displacement [µm]
Y Displacem ent [µm ]
INL vs. Displacement: AS5030 for AGC24
4,500-5,000
4,000-4,500
3,500-4,000
3,000-3,500
2,500-3,000
2,000-2,500
1,500-2,000
1,000-1,500
0,500-1,000
0,000-0,500
Figure 34: Typical error curve of INL error over lateral displacement (including quantization error)
10.3 Magnet size
Figure 32 to Figure 34 in this chapter describe a cylindrical magnet with a diameter of 6mm. Smaller magnets may also be used,
but since the poles are closer together, the linear range will also be smaller and consequently the tolerance for lateral
misalignment will also be smaller.
If the ± 0.25mm lateral misalignment radius (rotation axis to IC package center) is too tight, a larger magnet can be used.
Larger magnets have a larger linear range and allow more misalignment. However at the same time the slope of the magnet is
more flat which results in a lower differential amplitude.
This requires either a stronger magnet or a smaller gap between IC and magnet in order to operate in the amplitude-controlled
area (AGC > 0 and AGC < 63).
In any case, if a magnet other than the recommended 6mm diameter magnet is used, two parameters should be verified:
•
Verify that the magnetic field produces a sinusoidal wave, when the magnet is rotated.
Note: this can be done with the SIN-/COS- outputs of the AS5030, e.g. rotate the magnet at constant speed and
analyze the SIN- (or COS-) output with an FFT-analyzer.
It is recommended to disable the AGC for this test (see 4.20).
•
Verify that the Bz-Curve between the poles is as linear as possible (see Figure 32). This curve may be available from
the magnet supplier(s).
Alternatively, the SIN- or COS- output of the AS5030 may also be used together with an X-Y- table to get a Bz-scan of
the magnet (as in Figure 32 or Figure 33)
Furthermore; the sinewave tests described above may be re-run at defined X-and Y- misplacements of the magnet to
determine the maximum acceptable lateral displacement range.
It is recommended to disable the AGC for both these tests (see 4.20).
Note: for preferred magnet suppliers, please refer to the austriamicrosystems website (Rotary Encoder section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com