Electronic Components Datasheet Search
  English  ▼

X  

AS5030 Datasheet(PDF) 17 Page - ams AG

Part # AS5030
Description  8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5030 Datasheet(HTML) 17 Page - ams AG

Back Button AS5030_1 Datasheet HTML 13Page - ams AG AS5030_1 Datasheet HTML 14Page - ams AG AS5030_1 Datasheet HTML 15Page - ams AG AS5030_1 Datasheet HTML 16Page - ams AG AS5030_1 Datasheet HTML 17Page - ams AG AS5030_1 Datasheet HTML 18Page - ams AG AS5030_1 Datasheet HTML 19Page - ams AG AS5030_1 Datasheet HTML 20Page - ams AG AS5030_1 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
AS5030 8-bit Programmable Magnetic Rotary Encoder
Rev. 1.8
www.austriamicrosystems.com
Page 17 of 33
5.2.4
18-bit OTP Write Commands
During the 18bit OTP read/write transfer, each bit needs 4 clock pulses to be validated.
Command
Bin
Hex
D17
D16
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
WRITE
OTP
11111
1F
copy factory settings
obtained from READ OTP command
sens
1:0
zero position
7:0
PROG
OTP
11001
19
00000000
reserved for factory settings,
sens
1:0
zero position
7:0
WRITE OTP:
non-permanent (“soft write”) modification of the OTP register. To set the reserved factory settings area
properly, a preceding READ OTP command must be made to receive the correct setting for bits D17:D10.
The WRITE OTP command must then set these bits in exactly the same way. Improper setting of the factory
settings by a WRITE OTP command may cause malfunction of the chip. The OTP register, including the
factory settings can be restored to default by a power-up cycle.
For non-permanent writing, a programming voltage at pin PROG (#2) is not required.
PROG OTP:
permanent modification of the OTP register. An unprogrammed OTP bit contains a ‘0, programmed bits are
1’s. It is possible to program the OTP in several sequences. However, only a 0 can be programmed to 1.
Once programmed, an OTP bit cannot be set back to 0. For subsequent programming, bits that are already
programmed should be set to 0 to avoid double programming.
During permanent programming, the factory settings D17:D10 should always be set to zero to avoid
modification of the factory settings.
Modifying the factory settings may cause irreversible malfunction of the chip.
For permanent programming, a static programming voltage of 8.0-8.5V must be applied at pin PROG (#2)
sens
sets the sensitivity setting of the Hall elements :
00: gain factor = 1.65 (low sensitivity)
01: gain factor = 1.75
10: gain factor = 1.86
11: gain factor = 2.00 (high sensitivity)
zero position
sets the user programmable zero position; the actual angle of the magnet which is displayed as 000
Figure 21: Timing diagram in OTP 18bit read/write mode
5.3
OTP Programming Connection
Programming of the AS5030 OTP memory does not require a
dedicated programming hardware. The programming can be
simply accomplished over the serial 3-wire interface (shown in
Figure 22) or the optional 2-wire interface (shown in Figure 8).
For permanent programming (command PROG OTP, #19H), a
constant DC voltage of 8.0V ~ 8.5V (≥100mA) must be
connected to pin #2 (PROG).
For temporary OTP write (“soft write”; command WRITE OTP,
#1FH), the programming voltage is not required.
To secure unintentional programming, any modification of the
OTP memory is only enabled after a special password (command
#10H) has been sent to the AS5030.
Figure 22: OTP programming connection
AS5030
Micro
Controller
100n
CS
CLK
DIO
+5V
VDD
VSS
VSS
C2
VDD
VDD
13
11
10
12
15
C1
VSS
3
14
I/O
Output
Output
8.0 – 8.5V
PROG
2
10µF 100n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com