Electronic Components Datasheet Search
  English  ▼

X  

CHA2295 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA2295
Description  6 - 11GHz Buffer Splitter Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2295 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA2295 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2295 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2295 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2295 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2295 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2295 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2295 Datasheet HTML 7Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
6 -11GHz Power splitter Amplifier
CHA2295
Ref. : DSCHA22952240 28-Aug.-02
3/7
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Scattering Parameters ( On wafer Sij measurements )
Bias Conditions :
Vd = 3.5 Volt, Vg tuned for Id = 160 mA.
Channel
Freq.
GHz
S11
dB
S11
////°
S12
dB
S12
////°
S21
dB
S21
////°
S22
dB
S22
////°
1
1
-9,99
-23,19
-78,40
10,36
-39,63
-173,20
-0,23
-25,89
1
2
-11,40
-51,53
-71,37
40,66
-18,91
151,80
-0,85
-55,20
1
3
-14,42
-77,32
-67,59
-20,60
-0,96
96,83
-2,75
-89,94
1
4
-19,39
-95,22
-68,52
-83,56
10,46
17,07
-7,20
-127,32
1
5
-28,83
-89,06
-73,27
-117,11
15,86
-58,60
-16,28
-171,08
1
6
-26,94
-0,66
-72,47
-165,16
18,12
-122,96
-22,39
33,97
1
7
-20,17
-3,25
-82,66
-122,79
18,91
-176,92
-14,77
-9,33
1
8
-18,51
-12,26
-72,76
146,76
18,64
138,91
-13,00
-28,21
1
9
-16,84
-26,16
-85,35
-114,68
18,12
101,55
-11,93
-42,62
1
10
-15,80
-37,72
-85,69
141,79
18,15
65,89
-11,84
-55,01
1
11
-15,24
-49,47
-74,62
173,34
17,21
35,53
-11,55
-66,76
1
12
-14,62
-59,20
-70,58
-96,70
16,66
8,26
-11,58
-77,70
1
13
-14,29
-69,08
-75,31
128,54
16,03
-17,92
-11,65
-88,23
1
14
-14,07
-78,21
-69,21
178,28
15,09
-42,30
-11,81
-99,83
1
15
-14,04
-88,72
-85,79
167,97
14,48
-63,68
-12,01
-109,75
1
16
-13,77
-98,10
-66,52
175,66
13,87
-85,83
-12,31
-120,01
1
17
-13,67
-107,19
-72,49
149,93
13,10
-107,30
-12,64
-133,87
1
18
-13,20
-114,33
-65,66
142,16
12,59
-127,20
-12,86
-145,18
2
1
-10,10
-23,68
-66,30
93,30
-39,21
-173,66
-0,15
-25,79
2
2
-11,46
-52,43
-67,31
28,79
-18,83
148,76
-0,82
-55,20
2
3
-14,44
-78,77
-68,69
-62,91
-1,06
96,10
-2,73
-89,32
2
4
-19,27
-97,85
-65,70
-119,11
10,39
17,00
-7,27
-126,53
2
5
-28,28
-100,60
-67,02
-145,17
15,87
-57,50
-16,20
-169,15
2
6
-28,07
-1,39
-72,18
-160,35
18,27
-121,68
-23,31
32,29
2
7
-20,74
-3,71
-75,81
-179,95
19,04
-175,14
-15,12
-10,67
2
8
-18,43
-12,22
-79,88
69,33
18,74
141,17
-13,30
-29,59
2
9
-16,88
-24,60
-74,94
45,88
18,36
103,74
-12,12
-41,54
2
10
-15,77
-36,35
-73,11
-8,56
18,37
68,22
-12,15
-51,48
2
11
-15,15
-48,51
-82,43
24,00
17,50
37,59
-11,99
-66,12
2
12
-14,66
-58,74
-76,73
90,61
17,01
10,22
-11,43
-74,91
2
13
-14,25
-67,59
-82,52
-148,65
16,33
-14,57
-11,97
-82,63
2
14
-14,09
-77,41
-76,72
-166,31
15,50
-38,87
-11,43
-96,13
2
15
-13,95
-87,81
-66,25
-179,04
15,04
-60,92
-11,19
-102,57
2
16
-13,72
-97,30
-64,01
-169,58
14,55
-83,10
-11,61
-114,19
2
17
-13,55
-106,71
-66,64
-154,56
13,82
-104,53
-12,21
-126,36
2
18
-13,12
-113,49
-63,02
-159,40
13,27
-125,54
-11,35
-140,14



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com