Electronic Components Datasheet Search
  English  ▼

X  

CHA2295 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA2295
Description  6 - 11GHz Buffer Splitter Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2295 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA2295 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2295 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2295 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2295 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2295 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2295 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2295 Datasheet HTML 7Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CHA2295
Ref. : DSCHA22952240 28-Aug.-02
1/7
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
6 - 11GHz Buffer Splitter Amplifier
GaAs Monolithic Microwave IC
Description
The CHA2295 is a broadband buffer splitter
three-stage monolithic amplifier.
It is designed for a wide range of applications,
from
military to
commercial
communication
systems. The backside of the chip is both RF
and
DC
grounds.
This
helps
simplify the
assembly process.
The circuit is manufactured with a PM-HEMT
process, 0.25µm gate length, via holes through
the substrate, air bridges and electron beam
gate lithography.
It is available in chip form.
Main Features
■ Broadband performance : 6 -11GHz
■ 14dBm saturated output power.
■ 18dB ±1.5dB gain flatness
■ Good broadband matching
■ Low DC power consumption, 160mA @ 3.5V
■ Chip size :
2.26 X 1.33 X 0.10 mm
OUT 1
OUT 2
Vd
Vg
IN
Typical on wafer measurements : Gain (dB)
Main Characteristics
Tamb. = 25°C
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
6
11
GHz
G
Small signal gain
15
18
dB
Psat
Saturated Output power
12
14
dBm
Id_small signal
Bias current
160
220
mA
ESD Protection : Electrostatic discharge sensitive device. Observe handling precautions !
10
11
12
13
14
15
16
17
18
19
20
12
34
56
78
9
10 11 12 13 14 15 16 17 18
Frequency (GHz)
Gain channel 1
Gain channel 2


Similar Part No. - CHA2295

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2295 UMS-CHA2295 Datasheet
189Kb / 6P
6-11GHz Buffer Splitter Amplifier
CHA2295-99F/00 UMS-CHA2295-99F/00 Datasheet
189Kb / 6P
6-11GHz Buffer Splitter Amplifier
CHA2295 UMS-CHA2295_07 Datasheet
189Kb / 6P
6-11GHz Buffer Splitter Amplifier
More results

Similar Description - CHA2295

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2296 UMS-CHA2296 Datasheet
111Kb / 7P
9- 19GHz Buffer Splitter Amplifier
logo
Tyco Electronics
MAAM71100 MACOM-MAAM71100 Datasheet
203Kb / 2P
GaAs MMIC Power Amplifier 7-11GHz
logo
Intersil Corporation
ISL3092 INTERSIL-ISL3092 Datasheet
24Kb / 1P
11GHz VCO
June 2003
logo
United Monolithic Semic...
CHA2295 UMS-CHA2295_07 Datasheet
189Kb / 6P
6-11GHz Buffer Splitter Amplifier
logo
TriQuint Semiconductor
TGA2623 TRIQUINT-TGA2623_15 Datasheet
580Kb / 14P
10 to 11GHz 35W GaN Power Amplifier
TGA2625 TRIQUINT-TGA2625_15 Datasheet
615Kb / 14P
10 to 11GHz 20W GaN Power Amplifier
logo
United Monolithic Semic...
CHA4250-QDG UMS-CHA4250-QDG_15 Datasheet
578Kb / 14P
5.5-11GHz Medium Power Amplifier
CHA1010-99F UMS-CHA1010-99F Datasheet
892Kb / 10P
7-11GHz Low Noise Amplifier
logo
Qorvo, Inc
TGA2623 QORVO-TGA2623 Datasheet
580Kb / 14P
10 ??11GHz 35W GaN Power Amplifier
logo
Pepperl+Fuchs Inc.
S1SD-1AI-2U PF-S1SD-1AI-2U Datasheet
820Kb / 4P
Isolating Amplifier/Splitter
2022-01-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com