Electronic Components Datasheet Search
  English  ▼

X  

CHA2295 Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHA2295
Description  6 - 11GHz Buffer Splitter Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2295 Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHA2295 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2295 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2295 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2295 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2295 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2295 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2295 Datasheet HTML 7Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CHA2295
6 -11GHz Buffer Splitter Amplifier
Ref. : DSCHA22952240 28-Aug.-02
4/7
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical On wafer Measurements
Bias Conditions :
Vd = 3.5 Volt, Vg tuned for Id = 160 mA.
Gain for each channel versus frequency (dB)
10
11
12
13
14
15
16
17
18
19
20
1234
56789
10 11 12 13 14 15 16 17 18
Frequency (GHz)
Gain channel 1
Gain channel 2
Isolation between channels versus frequency (dB)
15
17
19
21
23
25
27
29
31
33
35
1234
56789
10 11 12 13 14 15 16 17 18
Frequency (GHz)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com