Electronic Components Datasheet Search
  English  ▼

X  

CHA2296 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA2296
Description  9- 19GHz Buffer Splitter Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2296 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA2296 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2296 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2296 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2296 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2296 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2296 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2296 Datasheet HTML 7Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
9-19GHz Power splitter Amplifier
CHA2296
Ref. : DSCHA22962044 13-Feb.-02
3/7
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Scattering Parameters ( On wafer Sij measurements )
Bias Conditions :
Vd = 3.5 Volt, Vg tuned for Id = 190 mA.
Channel
Freq.
GHz
S11
dB
S11
////°
S12
dB
S12
////°
S21
dB
S21
////°
S22
dB
S22
////°
1
5
-12.34
-94.87
-66.94
-38.90
-2.14
41.09
-2.04
-88.40
1
6
-15.29
-102.89
-67.83
-87.89
5.84
-11.01
-3.64
-108.79
1
7
-17.46
-97.03
-66.67
-87.44
11.51
-68.31
-5.95
-127.83
1
8
-17.44
-90.47
-66.06
-140.51
14.82
-125.78
-8.74
-143.37
1
9
-16.63
-91.57
-67.50
-123.38
16.36
-177.87
-11.67
-156.13
1
10
-16.30
-97.50
-67.33
175.31
16.98
136.79
-15.00
-167.18
1
11
-16.41
-103.81
-65.23
-177.40
17.05
97.30
-18.81
-176.53
1
12
-16.72
-107.46
-69.95
145.63
17.17
61.74
-23.94
178.88
1
13
-17.15
-111.72
-66.02
138.93
16.99
27.77
-29.04
-146.27
1
14
-17.10
-110.94
-97.44
-155.97
16.72
-3.82
-31.35
-89.10
1
15
-16.93
-113.66
-70.70
166.71
16.76
-32.72
-28.61
-91.76
1
16
-16.76
-116.42
-63.72
170.65
16.59
-63.33
-22.22
-116.88
1
17
-16.59
-121.64
-70.22
97.77
16.29
-92.58
-21.30
-125.33
1
18
-16.80
-129.92
-64.92
154.63
16.01
-122.60
-19.35
-140.70
1
19
-18.71
-137.93
-66.62
-138.40
15.67
-151.31
-18.99
-154.19
1
20
-21.72
-133.29
-57.46
176.38
15.02
177.95
-17.24
-168.27
1
21
-22.50
-91.29
-60.06
117.94
14.10
148.71
-17.98
178.00
1
22
-18.17
-73.84
-66.35
142.93
13.15
119.32
-17.05
169.87
2
5
-12.32
-94.79
-67.52
-31.29
-4.49
37.49
-2.04
-88.02
2
6
-15.27
-102.90
-69.76
-103.63
3.64
-10.20
-3.61
-108.12
2
7
-17.46
-97.18
-66.21
-90.60
9.59
-65.41
-5.86
-127.23
2
8
-17.39
-90.48
-66.67
-140.90
13.21
-121.94
-8.59
-142.92
2
9
-16.63
-91.64
-66.58
-140.49
14.89
-173.34
-11.49
-155.45
2
10
-16.25
-97.89
-67.04
-155.99
15.65
141.31
-14.45
-167.89
2
11
-16.37
-103.76
-64.61
175.45
15.85
102.63
-18.12
-179.43
2
12
-16.71
-107.93
-65.01
-171.47
15.97
67.05
-22.97
170.53
2
13
-17.09
-111.39
-64.06
151.41
16.15
32.89
-30.44
174.52
2
14
-17.11
-110.96
-65.31
142.93
15.95
1.43
-34.60
-115.92
2
15
-16.84
-113.34
-64.26
156.24
15.97
-28.92
-27.80
-89.11
2
16
-16.78
-116.77
-61.83
107.47
15.84
-58.97
-24.72
-105.11
2
17
-16.51
-121.60
-72.17
144.18
15.65
-87.83
-22.65
-112.92
2
18
-16.82
-129.65
-69.62
130.95
15.55
-117.21
-20.65
-126.05
2
19
-18.61
-138.19
-64.20
168.06
15.28
-147.64
-19.63
-138.57
2
20
-21.50
-132.84
-60.17
135.42
14.89
-178.56
-18.58
-153.24
2
21
-22.46
-92.59
-60.24
126.24
13.93
151.11
-17.39
-164.66
2
22
-18.06
-74.29
-58.18
126.19
13.10
121.08
-16.21
-176.47



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com