Electronic Components Datasheet Search
  English  ▼

X  

CHA2296 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA2296
Description  9- 19GHz Buffer Splitter Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2296 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA2296 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2296 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2296 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2296 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2296 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2296 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2296 Datasheet HTML 7Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CHA2296
Ref. :DSCHA22962044 13-Feb.-02
1/7
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
9- 19GHz Buffer Splitter Amplifier
GaAs Monolithic Microwave IC
Description
The CHA2296 is a broadband buffer splitter
three-stage monolithic amplifier.
It is designed for a wide range of applications,
from
military to
commercial
communication
systems. The backside of the chip is both RF
and
DC
grounds.
This
helps
simplify the
assembly process.
The circuit is manufactured with a PM-HEMT
process, 0.25µm gate length, via holes through
the substrate, air bridges and electron beam
gate lithography.
It is available in chip form.
Main Features
■ Broadband performance : 9-19GHz
■ 14dBm saturated output power.
■ 16dB ±1.5dB gain
■ Very good broadband matching
■ Low DC power consumption, 190mA @ 3.5V
■ Chip size :
2.26 X 1.33 X 0.10 mm
OUT 1
OUT 2
Vd
Vg
IN
Typical on wafer measurements : Gain (dB)
Main Characteristics
Tamb. = 25°C
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
9
19
GHz
G
Small signal gain
13
16
dB
Psat
Saturated Output power
12
14
dBm
Id_small signal
Bias current
190
250
mA
ESD Protection : Electrostatic discharge sensitive device. Observe handling precautions !
10
11
12
13
14
15
16
17
18
19
20
5
6
7
8
9
1011121314151617 181920 2122
Frequency (GHz)
Gain channel 1
Gain channel 2


Similar Part No. - CHA2296

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2290 UMS-CHA2290 Datasheet
128Kb / 8P
10-18GHz Low Noise, Variable Gain Amplifier
CHA2291 UMS-CHA2291 Datasheet
136Kb / 6P
10-18GHz Low Noise, Variable Gain Amplifier
CHA2291 UMS-CHA2291 Datasheet
413Kb / 8P
10-18GHz Low Noise, Variable Gain Amplifier
CHA2291-99F/00 UMS-CHA2291-99F/00 Datasheet
136Kb / 6P
10-18GHz Low Noise, Variable Gain Amplifier
CHA2291-99F/00 UMS-CHA2291-99F/00 Datasheet
413Kb / 8P
10-18GHz Low Noise, Variable Gain Amplifier
More results

Similar Description - CHA2296

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6009 NSC-LMC6009 Datasheet
115Kb / 7P
9 Channel Buffer Amplifier for TFT-LCD
logo
ON Semiconductor
MC10E122 ONSEMI-MC10E122 Datasheet
94Kb / 4P
9-BIT BUFFER
1996 REV 2
logo
United Monolithic Semic...
CHA2295 UMS-CHA2295 Datasheet
114Kb / 7P
6 - 11GHz Buffer Splitter Amplifier
logo
Micrel Semiconductor
SY100S322 MICREL-SY100S322 Datasheet
94Kb / 5P
9-BIT BUFFER
SY10E122 MICREL-SY10E122 Datasheet
60Kb / 4P
9-BIT BUFFER
logo
National Semiconductor ...
F100122 NSC-F100122 Datasheet
90Kb / 3P
9-BIT BUFFER
logo
Micrel Semiconductor
SY100S322 MICREL-SY100S322_06 Datasheet
83Kb / 6P
9-BIT BUFFER
logo
United Monolithic Semic...
CHA2295 UMS-CHA2295_07 Datasheet
189Kb / 6P
6-11GHz Buffer Splitter Amplifier
logo
Micrel Semiconductor
SY100S322 MICREL-SY100S322_07 Datasheet
77Kb / 4P
9-BIT BUFFER
logo
Pepperl+Fuchs Inc.
S1SD-1AI-2U PF-S1SD-1AI-2U Datasheet
820Kb / 4P
Isolating Amplifier/Splitter
2022-01-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com