Electronic Components Datasheet Search
  English  ▼

X  

CHA2296 Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHA2296
Description  9- 19GHz Buffer Splitter Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2296 Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHA2296 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2296 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2296 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2296 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2296 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2296 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2296 Datasheet HTML 7Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CHA2296
9-19GHz Buffer Splitter Amplifier
Ref. : DSCHA22962044 13-Feb.-02
4/7
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical On wafer Measurements
Bias Conditions :
Vd = 3.5 Volt, Vg tuned for Id = 190 mA.
Gain for each channel versus frequency (dB)
Isolation between channels versus frequency (dB)
10
11
12
13
14
15
16
17
18
19
20
5678
9
10 11 12 13 14 15 16 17 18 19 20 21 22
Frequency (GHz)
Gain channel 1
Gain channel 2
15
16
17
18
19
20
21
22
23
24
25
5
6
7
8
9
10111213141516 1718 19 20 21 22
Frequency (GHz)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com