Electronic Components Datasheet Search
  English  ▼

X  

AS5130ASSU Datasheet(PDF) 1 Page - ams AG

Part # AS5130ASSU
Description  8 Bit Programmable Magnetic Rotary Encoder with Motion Detection & Multiturn
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5130ASSU Datasheet(HTML) 1 Page - ams AG

  AS5130ASSU Datasheet HTML 1Page - ams AG AS5130ASSU Datasheet HTML 2Page - ams AG AS5130ASSU Datasheet HTML 3Page - ams AG AS5130ASSU Datasheet HTML 4Page - ams AG AS5130ASSU Datasheet HTML 5Page - ams AG AS5130ASSU Datasheet HTML 6Page - ams AG AS5130ASSU Datasheet HTML 7Page - ams AG AS5130ASSU Datasheet HTML 8Page - ams AG AS5130ASSU Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
AS5130
8 Bit Programmable Magnetic Rotary Encoder
with Motion Detection & Multiturn
Data Sh eet
www.austriamicrosystems.com
Revision 1.09
1 - 40
1 General Description
The AS5130 is a contactless magnetic rotary encoder
for accurate angular measurement over a full turn of
360º. It is a system-on-chip, combining integrated Hall
elements, analog front end and digital signal processing
in a single device. The angle can be measured using
only a simple two-pole magnet rotating over the center
of the chip. The magnet may be placed above or below
the IC. The absolute angle measurement provides
instant indication of the magnet’s angular position with a
resolution of 8 bit = 256 positions per revolution. This
digital data is available as a serial bit stream and as a
PWM signal. The AS5130 can be operated in pulsed
mode (Vsupply=off), which reduces the average power
consumption significantly. During Vsupply=off, the
measured angle can be stored using an internal storage
register supplied by a low power voltage line. This mode
achieves very low power consumption during polling of
the rotary position of the magnet. If the position of the
magnet changes, then the motion detection feature
wakes up an external system. The device is capable of
counting the amount of magnet revolutions. The multi
turn counter value is stored in a register and can be read
in addition to the angle information. Furthermore, any
arbitrary position can be set as zero-position. The
system is tolerant to misalignment, air gap variations,
temperature variations and external magnetic fields and
high reliability due to non-contact sensing.
Figure 1. Block Diagram
2 Key Features
360º contactless angular position encoding
Two digital 8-bit absolute outputs:
- Serial interface
- Pulse width modulated (PWM) output
User programmable zero position
High speed: up to 30000 rpm
Failure detection mode for magnet placement moni-
toring and loss of power supply
Wide temperature range: - 40ºC to +125ºC
Multi Turn counter / Movement detection
Small Pb-free package: SSOP-16 (5.3mm x 6.2mm)
Automotive qualified to AEC-Q100, grade 1
3 Applications
The AS5130 is an ideal solution for Ignition key position
sensing, Steering wheel position sensing, Transmission
gearbox encoder, Front panel rotary switches and
replacement of Potentiometers.
Hall Array
&
Frontend
Amplifier
tracking
ADC &
Angle
decoder
Zero
Pos.
PWM
Decoder
Absolute
Serial
Interface
(SSI)
AGC
OTP
power management
SINP / SINN / COSP / COSN
PWM
DIO
CS
DCLK
C1
CAO
PROG
Sin
Cos
Mag
AGC
Angle
AS5130


Similar Part No. - AS5130ASSU

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5130ATST AMSCO-AS5130ATST Datasheet
2Mb / 41P
8 Bit Programmable Magnetic Rotary Encoder with Motion Detection & Multiturn
AS5130ATSU AMSCO-AS5130ATSU Datasheet
2Mb / 41P
8 Bit Programmable Magnetic Rotary Encoder with Motion Detection & Multiturn
More results

Similar Description - AS5130ASSU

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5045 AMSCO-AS5045 Datasheet
506Kb / 24P
12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
AS5130 AMSCO-AS5130 Datasheet
2Mb / 41P
8 Bit Programmable Magnetic Rotary Encoder with Motion Detection & Multiturn
AS5030 AMSCO-AS5030_1 Datasheet
695Kb / 33P
8 BIT PROGRAMMABLE HIGH SPEED MAGNETIC ROTARY ENCODER
AS5145 AMSCO-AS5145 Datasheet
1Mb / 36P
12-Bit Programmable Magnetic Rotary Encoder
AS5045_V1 AMSCO-AS5045_V1 Datasheet
589Kb / 33P
12 Bit Programmable Magnetic Rotary Encoder
logo
List of Unclassifed Man...
AS5145H ETC2-AS5145H Datasheet
425Kb / 36P
12-Bit Programmable Magnetic Rotary Encoder
logo
ams AG
AS5030 AMSCO-AS5030_07 Datasheet
891Kb / 44P
8-Bit Programmable High Speed Magnetic Rotary Encoder
AS5045 AMSCO-AS5045_10 Datasheet
1Mb / 34P
12 Bit Programmable Magnetic Rotary Encoder
AS5130 AMSCO-AS5130_07 Datasheet
3Mb / 42P
8-Bit Programmable Magnetic Rotary Encoder with Motion Detection Multiturn
AS5145H AMSCO-AS5145H Datasheet
425Kb / 36P
12-Bit Programmable Magnetic Rotary Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com