Electronic Components Datasheet Search
  English  ▼

X  

AS5130ASSU Datasheet(PDF) 27 Page - ams AG

Part # AS5130ASSU
Description  8 Bit Programmable Magnetic Rotary Encoder with Motion Detection & Multiturn
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5130ASSU Datasheet(HTML) 27 Page - ams AG

Back Button AS5130ASSU Datasheet HTML 23Page - ams AG AS5130ASSU Datasheet HTML 24Page - ams AG AS5130ASSU Datasheet HTML 25Page - ams AG AS5130ASSU Datasheet HTML 26Page - ams AG AS5130ASSU Datasheet HTML 27Page - ams AG AS5130ASSU Datasheet HTML 28Page - ams AG AS5130ASSU Datasheet HTML 29Page - ams AG AS5130ASSU Datasheet HTML 30Page - ams AG AS5130ASSU Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
www.austriamicrosystems.com
Revision 1.09
27 - 40
AS5130
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
8 Application Information
Benefits of AS5130
Complete system-on-chip
Flexible system solution providing absolute angle position, with serial data and PWM output
Ideal for applications in harsh environments due to magnetic sensing principle
High reliability due to non-contact sensing
Robust system, tolerant to misalignment, airgap variations, temperature variations and external magnetic fields
Application Example 1
The AS5130 requires the serial interface via SSI for the programming of the OTP register. This configuration is
recommended for applications, where the supply voltage for the AS5130 is shared among other parallel IC’s during
programming, such as a microcontroller.
Figure 19. Programming via SSI Serial Interface
Application Example II 3-wire sensor with magnetic field strength indication
In Figure 20, a simple 360º sensor with PWM output is shown. The complete application requires only three wires,
VDD, VSS and the PWM output. The circle over the center of the chip represents the diametrically polarized magnet.
Additionally, the CAO pin will deliver an analog voltage indicating a missing magnetic field. This signal could be used to
drive an external LED or to detect an alert signal.
VDD
VSS
Programming
tool
AS5130
100n
VSS
+5V
AVDD
CS
VDD
DCLK
DIO
PROG
VSS
AS5130
+
7.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com