Electronic Components Datasheet Search
  English  ▼

X  

AS5130ASSU Datasheet(PDF) 30 Page - ams AG

Part # AS5130ASSU
Description  8 Bit Programmable Magnetic Rotary Encoder with Motion Detection & Multiturn
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5130ASSU Datasheet(HTML) 30 Page - ams AG

Back Button AS5130ASSU Datasheet HTML 26Page - ams AG AS5130ASSU Datasheet HTML 27Page - ams AG AS5130ASSU Datasheet HTML 28Page - ams AG AS5130ASSU Datasheet HTML 29Page - ams AG AS5130ASSU Datasheet HTML 30Page - ams AG AS5130ASSU Datasheet HTML 31Page - ams AG AS5130ASSU Datasheet HTML 32Page - ams AG AS5130ASSU Datasheet HTML 33Page - ams AG AS5130ASSU Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
www.austriamicrosystems.com
Revision 1.09
30 - 40
AS5130
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Figure 23. Quantization Error of a Low Resolution and a High Resolution System
The resolution of the encoder determines the smallest step size. The angle error caused by quantization cannot get
better than ± ½ LSB. As shown in Figure 23, a higher resolution system (right picture) has a smaller quantization error,
as the step size is smaller. For the AS5130, the quantization error is ± ½ LSB = ± 0.7º
Figure 24. Typical INL Error over 360º
Figure 24 shows a typical example of an error curve over a full turn of 360º at a given X-Y- displacement. The curve
includes the quantization error, transition noise and the system error. The total error is ~2.2º peak/peak (+/-1.1º).
The sawtooth-like quantization error (see Figure 23) can be reduced by averaging, provided that the magnet is in
constant motion and there are an adequate number of samples available. The solid bold line in Figure 24 shows the
moving average of 16 samples. The INL (intrinsic non-linearity) is reduced to from ~+/- 1.1º down to ~ +/-0.3º. The
averaging however, also increases the total propagation delay, therefore it may be considered for low speeds only or
adaptive; depending on speed (see Position Error Over Speed: on page 22).
high
resolution
low
resolution
error
+1/2 LSB
-1/2 LSB
+1/2 LSB
-1/2 LSB
digitized
function
digitized
function
ideal function
ideal function
Quantization
Error
INL including quantization error
-1,5
-1
-0,5
0
0,5
1
1,5
0
45
90
135
180
225
270
315
360
Angle steps
INL
Average (16x)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com