Electronic Components Datasheet Search
  English  ▼

X  

AS5130ASSU Datasheet(PDF) 33 Page - ams AG

Part # AS5130ASSU
Description  8 Bit Programmable Magnetic Rotary Encoder with Motion Detection & Multiturn
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5130ASSU Datasheet(HTML) 33 Page - ams AG

Back Button AS5130ASSU Datasheet HTML 29Page - ams AG AS5130ASSU Datasheet HTML 30Page - ams AG AS5130ASSU Datasheet HTML 31Page - ams AG AS5130ASSU Datasheet HTML 32Page - ams AG AS5130ASSU Datasheet HTML 33Page - ams AG AS5130ASSU Datasheet HTML 34Page - ams AG AS5130ASSU Datasheet HTML 35Page - ams AG AS5130ASSU Datasheet HTML 36Page - ams AG AS5130ASSU Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
www.austriamicrosystems.com
Revision 1.09
33 - 40
AS5130
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Figure 27. Bz Field Distribution Along the X-axis of a 6mmØ Diametric Magnetized Magnet
Figure 27 shows a cross sectional view of the vertical magnetic field component Bz between the north and south pole
of a 6mm diameter magnet, measured at a vertical distance of 1mm. The poles of the magnet (maximum level) are
about 2.8mm from the magnet center, which is almost at the outer magnet edges. The magnetic field reaches a peak
amplitude of ~+/-106mT at the poles. The Hall elements are located at a radius of 1mm (indicated as squares at the
bottom of the graph). Due to the side view, the two Hall elements at the Y-axis are overlapping at X=0mm, therefore
only 3 Hall elements are shown. At 1mm radius, the peak amplitude is ~+/-46mT, respectively a differential amplitude
of 92mT. The vertical magnetic field Bz follows a fairly linear pattern up to about 1.5mm radius. Consequently, even if
the magnet is not perfectly centered, the differential amplitude will be the same as for a centered magnet.
For example, if the magnet is misaligned in X-axis by -0.5mm, the two X-Hall sensors will measure 70mT (@x= -
1.5mm) and -22mt (@x= -0.5mm). Again, the differential amplitude is 92mT. At larger displacements however, the Bz
amplitude becomes nonlinear, which results in larger errors that mainly affect the accuracy of the system (see Figure
29).
Bz; 6mm magnet @y=0; z=1mm
-0.0015
-0.001
-0.0005
0
0.0005
0.001
0.0015
-3.5
-2.5
-1.5
-0.5
0.5
1.5
2.5
3.5
X-displacement [mm]
N
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com