Electronic Components Datasheet Search
  English  ▼

X  

CHA3092 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA3092
Description  20-33GHz Medium Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3092 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA3092 Datasheet HTML 1Page - United Monolithic Semiconductors CHA3092 Datasheet HTML 2Page - United Monolithic Semiconductors CHA3092 Datasheet HTML 3Page - United Monolithic Semiconductors CHA3092 Datasheet HTML 4Page - United Monolithic Semiconductors CHA3092 Datasheet HTML 5Page - United Monolithic Semiconductors CHA3092 Datasheet HTML 6Page - United Monolithic Semiconductors CHA3092 Datasheet HTML 7Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
20-33GHz Medium Power Amplifier
CHA3092
Ref. : DSCHA30920356 21-Dec.-00
3/7
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Scattering Parameters ( On wafer Sij measurements )
Bias Conditions :
Vd1,2,3,4 = 3.5 Volt, Vg1,2,3,4 = -0.15 Volt, Id = 300 mA.
Freq.
GHz
S11
dB
S11
////°
S12
dB
S12
////°
S21
dB
S21
////°
S22
dB
S22
////°
10
-17.1
134.5
-62.3
-143
4.8
144.2
-5.2
-173.7
11
-17.6
138.2
-62.8
137
9
112.4
-6.3
179.4
12
-18.1
140.3
-78.5
-31
13
78.1
-7.3
173.5
13
-18.9
138
-59.9
157.3
16.5
41.6
-8.2
168.7
14
-19
141.5
-62.4
126.9
19.1
2.9
-9.1
170.5
15
-19.2
138
-65.1
-160.1
21.1
-35.2
-8.7
171.3
16
-19.8
137.8
-64.3
157.5
22.1
-74.3
-9.3
165.6
17
-20.9
138.8
-60.3
-178.9
22.3
-110.1
-9.2
162.4
18
-20.1
146.2
-67.6
138.4
23.9
-137
-9.1
145.5
19
-20.4
131.7
-54.2
100.1
22.3
-175.3
-13.6
161.1
20
-24.3
126.9
-58.8
3.5
22.8
163.8
-10.9
154.2
21
-25.1
144.6
-62.5
-138.8
22.8
134.4
-12.7
148.6
22
-25.2
148
-60.5
156
22.7
109.3
-14
155.7
23
-24
157.7
-55.6
142.2
22.6
87.4
-13.9
154.7
24
-27.7
157.3
-63.7
135.9
22.9
61.6
-14.3
160.8
25
-28.7
-178.8
-57.1
126.6
22.8
36.7
-13.8
170.2
26
-28.5
-161.1
-55.7
96.9
22.9
15.5
-12.6
167.1
27
-23
-151.3
-66
72.7
23
-10.2
-13.1
161.9
28
-22.1
-157.5
-59.1
125.1
22.8
-33.6
-12.5
162.5
29
-20.7
-167.6
-56.6
85.1
22.7
-57.2
-12.1
158.2
30
-20
-175.2
-57
106.5
22.3
-80.4
-11.8
149.7
31
-20.8
171.5
-57
97.8
22.2
-101.9
-11.9
144.9
32
-21.1
168
-52
77.7
22.2
-125.3
-13.2
130.1
33
-21.3
166.5
-52.5
62.7
21.9
-150.2
-13
134.1
34
-22
155.6
-51.2
75
21.4
-174.1
-13.1
124
35
-23
140.2
-52.7
76.7
20.8
164.1
-13.8
113.6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com