Electronic Components Datasheet Search
  English  ▼

X  

CHA3092 Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHA3092
Description  20-33GHz Medium Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3092 Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHA3092 Datasheet HTML 1Page - United Monolithic Semiconductors CHA3092 Datasheet HTML 2Page - United Monolithic Semiconductors CHA3092 Datasheet HTML 3Page - United Monolithic Semiconductors CHA3092 Datasheet HTML 4Page - United Monolithic Semiconductors CHA3092 Datasheet HTML 5Page - United Monolithic Semiconductors CHA3092 Datasheet HTML 6Page - United Monolithic Semiconductors CHA3092 Datasheet HTML 7Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CHA3092
20-33GHz Medium Power Amplifier
Ref. : DSCHA30920356 21-Dec.-00
4/7
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical On wafer Power Measurements
Bias Conditions :
Vd1,2,3,4 = 3.5 Volt, Vg1,2,3,4 = -0.15 Volt, Id = 300 mA.
On wafer Pin / Pout at 20 GHz
15
16
17
18
19
20
21
22
23
24
25
-3
-2
-1
0
1
2
3
4
5
Pin ( dBm )
0
3
6
9
12
15
18
21
24
27
30
On wafer Pin / Pout at 22 GHz
15
16
17
18
19
20
21
22
23
24
25
-3
-2
-1
0
1
2
3
4
5
Pin ( dBm )
0
3
6
9
12
15
18
21
24
27
30
Notes :
1- Test conditions :
Vd1,2,3,4 = 3.5 Volt, Vg1,2,3,4 = -0.15 Volt.
2- Power measurements are typical
( solid lines ).
P.A.E. is representative of on wafer
measurements on a typical circuit
( Dotted lines ).
On wafer Pin / Pout at 26 GHz
15
16
17
18
19
20
21
22
23
24
25
-3
-2
-1
01
23
45
Pin ( dBm )
0
3
6
9
12
15
18
21
24
27
30
On wafer Pin / Pout at 28 GHz
15
16
17
18
19
20
21
22
23
24
25
-3
-2
-1
01
23
45
Pin ( dBm )
0
3
6
9
12
15
18
21
24
27
30



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com