Electronic Components Datasheet Search
  English  ▼

X  

CHA3092 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA3092
Description  20-33GHz Medium Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3092 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA3092 Datasheet HTML 1Page - United Monolithic Semiconductors CHA3092 Datasheet HTML 2Page - United Monolithic Semiconductors CHA3092 Datasheet HTML 3Page - United Monolithic Semiconductors CHA3092 Datasheet HTML 4Page - United Monolithic Semiconductors CHA3092 Datasheet HTML 5Page - United Monolithic Semiconductors CHA3092 Datasheet HTML 6Page - United Monolithic Semiconductors CHA3092 Datasheet HTML 7Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CHA3092
Ref. :DSCHA30920356 21-Dec.-00
1/7
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
20-33GHz Medium Power Amplifier
GaAs Monolithic Microwave IC
Description
The CHA3092 is a high gain broadband four-
stage monolithic medium power amplifier. It is
designed for a wide range of applications, from
military
to
commercial
communication
systems. The backside of the chip is both RF
and
DC
grounds.
This
helps
simplify the
assembly process.
A B.I.T. ( Build In Test ) monitors a DC voltage
that is representative of the microwave output
power.
The circuit is manufactured with a PM-HEMT
process, 0.25µm gate length, via holes through
the substrate, air bridges and electron beam
gate lithography.
It is available in chip form.
Main Features
■ Broadband performances : 20-33GHz
■ 20dBm output power.
■ 22dB ±1.0dB gain
■ Very good broadband input matching
■ On chip output power level DC detector
■ Low DC power consumption, 300mA @ 3.5V
■ Chip size :
0.88 X 1.72 X 0.10 mm
Vg1
Vg2
Vg3,4
Vdet
Vd2,3,4
Vd1
IN
OUT
DI
Typical on wafer measurements :
Input Rloss : solid line & output Rloss : dash line.
Main Characteristics
Tamb. = 25°C
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
20
33
GHz
G
Small signal gain
20
22
dB
P03
Output power at 3dB gain compression
20
23
dBm
Id_small signal
Bias current
300
400
mA
ESD Protection : Electrostatic discharge sensitive device. Observe handling precautions !


Similar Part No. - CHA3092

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA3092 UMS-CHA3092 Datasheet
115Kb / 6P
20-33GHz Medium Power Amplifier
CHA3092RBF UMS-CHA3092RBF Datasheet
188Kb / 8P
20-33GHz Medium Power Amplifier
CHA3092RBF/24 UMS-CHA3092RBF/24 Datasheet
188Kb / 8P
20-33GHz Medium Power Amplifier
CHA3092 UMS-CHA3092_15 Datasheet
115Kb / 6P
20-33GHz Medium Power Amplifier
More results

Similar Description - CHA3092

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF1262 OKI-KGF1262 Datasheet
141Kb / 10P
Medium-Power Amplifier
logo
STMicroelectronics
STZTA42 STMICROELECTRONICS-STZTA42 Datasheet
70Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
STZTA92 STMICROELECTRONICS-STZTA92 Datasheet
70Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
logo
United Monolithic Semic...
CHA2098RBF UMS-CHA2098RBF Datasheet
163Kb / 6P
20-33GHz High Gain Buffer Amplifier
CHA3092RBF UMS-CHA3092RBF Datasheet
188Kb / 8P
20-33GHz Medium Power Amplifier
CHA3093C UMS-CHA3093C Datasheet
257Kb / 10P
20-40GHz Medium Power Amplifier
CHA3693-QDG UMS-CHA3693-QDG Datasheet
389Kb / 10P
20-30GHz Medium Power Amplifier
logo
IXYS Corporation
MMA-273336 IXYS-MMA-273336 Datasheet
1Mb / 10P
27-33GHz 4W MMIC Power Amplifier
logo
United Monolithic Semic...
CHA3092 UMS-CHA3092_15 Datasheet
115Kb / 6P
20-33GHz Medium Power Amplifier
CHA3093C UMS-CHA3093C_15 Datasheet
277Kb / 10P
20-40GHz Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com