Electronic Components Datasheet Search
  English  ▼

X  

CHA3092 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHA3092
Description  20-33GHz Medium Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA3092 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHA3092 Datasheet HTML 1Page - United Monolithic Semiconductors CHA3092 Datasheet HTML 2Page - United Monolithic Semiconductors CHA3092 Datasheet HTML 3Page - United Monolithic Semiconductors CHA3092 Datasheet HTML 4Page - United Monolithic Semiconductors CHA3092 Datasheet HTML 5Page - United Monolithic Semiconductors CHA3092 Datasheet HTML 6Page - United Monolithic Semiconductors CHA3092 Datasheet HTML 7Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CHA3092
20-33GHz Medium Power Amplifier
Ref. : DSCHA30920356 21-Dec.-00
2/7
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics for Broadband Operation
Tamb = +25°C, Vd1,2,3,4 = 3.5V recommended
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range (1)
20
33
GHz
G
Small signal gain (1)
20
22
dB
∆G
Small signal gain flatness (1)
±1.0
dB
Is
Reverse isolation (1)
50
dB
P1dB
Pulsed output power at 1dB compression (1)
18
20
dBm
P03
Output power at 3dB gain compression
20
23
dBm
IP3
3
rd order intercept point
29
dBm
PAE
Power added efficiency at saturation
10
%
VSWRin
Input VSWR (1)
2.0:1
VSWRout
Output VSWR (1)
3.0:1
NF
Noise figure
10.0
dB
Vdet
Detected voltage: at 26GHz @ Pout=20dBm (2)
1
V
Id_small signal Bias current
300
400
mA
(1) These values are representative for pulsed on-wafer measurements that are made without
bonding wires at the RF ports. In the case of a jig or a module CW mode operation, the typical
output power may be around 2dB less.
(2) Voltage across an external 10kOhm parallel resistor connected to the voltage detector pad.
Absolute Maximum Ratings
Tamb. = 25°C (1)
Symbol
Parameter
Values
Unit
Vds
Drain bias voltage_small signal (2)
4.0
V
Ids
Drain bias current_small signal
400
mA
Vgs
Gate bias voltage
-2 to +0.4
V
Vdg
Negative Drain Gate voltage (= Vds – Vgs)
+5
V
Pin
Maximum continuous input power (2)
Maximum peak input power overdrive (3)
+4
+15
dBm
dBm
Ta
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +155
°C
(1) Operation of this device above anyone of these parameters may cause permanent damage.
(2) 3.5V recommended for up to a max of 3dB gain compression.
(3) Duration < 1s.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com