Electronic Components Datasheet Search
  English  ▼

X  

MAX9921 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9921
Description  Dual, 2-Wire Hall-Effect Sensor Interface with Diagnostics
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9921 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9921 Datasheet HTML 4Page - Maxim Integrated Products MAX9921 Datasheet HTML 5Page - Maxim Integrated Products MAX9921 Datasheet HTML 6Page - Maxim Integrated Products MAX9921 Datasheet HTML 7Page - Maxim Integrated Products MAX9921 Datasheet HTML 8Page - Maxim Integrated Products MAX9921 Datasheet HTML 9Page - Maxim Integrated Products MAX9921 Datasheet HTML 10Page - Maxim Integrated Products MAX9921 Datasheet HTML 11Page - Maxim Integrated Products MAX9921 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Dual, 2-Wire Hall-Effect Sensor Interface
with Diagnostics
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VBAT = 14V, TA = +25°C, unless otherwise noted.)
VBAT OVERVOLTAGE THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
-40 -25 -10 5
20 35 50 65 80 95 110 125
19.5
19.6
19.7
19.8
19.9
20.0
20.1
20.2
20.3
20.4
20.5
VBAT FALLING, ERR GOES LOW
VBAT RISING, ERR GOES HIGH
INPUT PULLUP RESISTANCE
vs. VBAT
VBAT (V)
6
9
12
15
18
0
10
20
30
40
50
60
70
80
TA = +125
°C
TA = +25
°C
TA = -40
°C
THRESHOLD CURRENT vs. ISET RESISTOR
CHANGE IN ISET RESISTOR (%)
-15
-10
-5
0
5
10
15
-15
-10
-5
0
5
10
15
HYSTERESIS
INPUT CURRENT FOR OUTPUT
HIGH AND INPUT CURRENT
FOR OUTPUT LOW
RESPONSE OF INPUT TO SHORT TO GROUND
MAX9921 toc22
10
μs/div
VIN1
10V/div
IIN1
25mA/div
0V
0V
0A
VERR
5V/div
STARTUP OF HALL INPUT FROM SHUTDOWN
MAX9921 toc23
20
μs/div
10V/div
5V/div
5V/div
10mA/div
BLANKING PERIOD
VIN_
VOUT_
VOE_
IIN_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com