Electronic Components Datasheet Search
  English  ▼

X  

MAX9921 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9921
Description  Dual, 2-Wire Hall-Effect Sensor Interface with Diagnostics
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9921 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9921 Datasheet HTML 2Page - Maxim Integrated Products MAX9921 Datasheet HTML 3Page - Maxim Integrated Products MAX9921 Datasheet HTML 4Page - Maxim Integrated Products MAX9921 Datasheet HTML 5Page - Maxim Integrated Products MAX9921 Datasheet HTML 6Page - Maxim Integrated Products MAX9921 Datasheet HTML 7Page - Maxim Integrated Products MAX9921 Datasheet HTML 8Page - Maxim Integrated Products MAX9921 Datasheet HTML 9Page - Maxim Integrated Products MAX9921 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Dual, 2-Wire Hall-Effect Sensor Interface
with Diagnostics
6
_______________________________________________________________________________________
Typical Operating Characteristics
(VBAT = 14V, TA = +25°C, unless otherwise noted.)
BAT SUPPLY CURRENT
vs. VBAT IN OPERATING MODE
BAT VOLTAGE (V)
19.0
19.5
20.0
20.5
21.0
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
TA = -40
°C
BAT SUPPLY CURRENT
vs. VBAT IN OPERATING MODE
BAT VOLTAGE (V)
19.0
19.5
20.0
20.5
21.0
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
TA = +25
°C
BAT SUPPLY CURRENT
vs. VBAT IN OPERATING MODE
BAT VOLTAGE (V)
19.0
19.5
20.0
20.5
21.0
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
TA = +125
°C
BAT SUPPLY CURRENT
vs. VBAT IN OPERATING MODE
BAT VOLTAGE (V)
5
1015202530354045505560
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
TA = -40
°C
HALL INPUTS DISABLED
OPERATING MODE
BAT SUPPLY CURRENT
vs. VBAT IN OPERATING MODE
BAT VOLTAGE (V)
5
1015202530354045505560
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
TA = +25
°C
HALL INPUTS DISABLED
OPERATING MODE
BAT SUPPLY CURRENT
vs. VBAT IN OPERATING MODE
BAT VOLTAGE (V)
5
1015202530354045505560
0.6
0.8
1.0
1.2
1.4
1.6
HALL INPUTS DISABLED
OPERATING MODE
TA = +125
°C
BAT SUPPLY CURRENT
vs. VBAT IN SHUTDOWN MODE
BAT VOLTAGE (V)
0
10203040
0
5
10
15
20
25
30
35
40
45
50
TA = +25
°C
TA = +125
°C
TA= -40
°C
HALL INPUT CURRENT HYSTERESIS FOR
HIGH/LOW THRESHOLDS
vs. TEMPERATURE
TEMPERATURE (
°C)
-40 -25 -10 5
20 35 50 65 80 95 110 125
8.4
8.6
8.8
9.0
9.2
9.4
9.6
9.8
10.0
LOW THRESHOLD
HIGH THRESHOLD
HALL INPUT CURRENT HYSTERESIS FOR
HIGH/LOW THRESHOLD vs. VBAT
BAT VOLTAGE (V)
6
8
10
12
14
16
18
8.6
8.8
9.0
9.2
9.4
9.6
9.8
LOW THRESHOLD
HIGH THRESHOLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com