Electronic Components Datasheet Search
  English  ▼

X  

MAX9921 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9921
Description  Dual, 2-Wire Hall-Effect Sensor Interface with Diagnostics
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9921 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9921 Datasheet HTML 1Page - Maxim Integrated Products MAX9921 Datasheet HTML 2Page - Maxim Integrated Products MAX9921 Datasheet HTML 3Page - Maxim Integrated Products MAX9921 Datasheet HTML 4Page - Maxim Integrated Products MAX9921 Datasheet HTML 5Page - Maxim Integrated Products MAX9921 Datasheet HTML 6Page - Maxim Integrated Products MAX9921 Datasheet HTML 7Page - Maxim Integrated Products MAX9921 Datasheet HTML 8Page - Maxim Integrated Products MAX9921 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Dual, 2-Wire Hall-Effect Sensor Interface
with Diagnostics
_______________________________________________________________________________________
5
Timing Diagrams (continued)
14mA
PR
IN_
OUT_
0mA
7mA
5V
0V
PR
tDEL
tDEL
Figure 2. Hall Input Pulse Rejection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com