Electronic Components Datasheet Search
  English  ▼

X  

MAX9921 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX9921
Description  Dual, 2-Wire Hall-Effect Sensor Interface with Diagnostics
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9921 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX9921 Datasheet HTML 8Page - Maxim Integrated Products MAX9921 Datasheet HTML 9Page - Maxim Integrated Products MAX9921 Datasheet HTML 10Page - Maxim Integrated Products MAX9921 Datasheet HTML 11Page - Maxim Integrated Products MAX9921 Datasheet HTML 12Page - Maxim Integrated Products MAX9921 Datasheet HTML 13Page - Maxim Integrated Products MAX9921 Datasheet HTML 14Page - Maxim Integrated Products MAX9921 Datasheet HTML 15Page - Maxim Integrated Products MAX9921 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Dual, 2-Wire Hall-Effect Sensor Interface
with Diagnostics
14
______________________________________________________________________________________
Applications Information
Hall-Effect Sensor Selection
The MAX9921 is optimized for use with 2-wire Hall-
effect switches or with 3-wire Hall-effect switches con-
nected as 2-wire (Figure 6). When using a 3-wire Hall
sensor, the resistor R is chosen so that the current
drawn by the Hall sensor crosses the MAX9921 current
threshold when the magnetic threshold of the Hall sen-
sor is exceeded.
Table 4 shows a partial list of Hall sensors (primarily 2-
wire) that can be used with the MAX9921. The DC
Electrical Characteristics Table gives tested IIH/IIL cur-
rent threshold limits for both a lower current range and
a higher current range which correspond to the selec-
tion of the RISET resistor value. This makes the
MAX9921 compatible with a wide array of 2- and 3-wire
Hall sensors.
Hall Input Bypass Capacitor
The MAX9921 is optimized for use with external protec-
tion 0.01µF capacitors from both IN1 and IN2 to BAT.
These are essential to ensure robustness against auto-
motive transients. These capacitors may be tied to
GND instead of to BAT, but the connection to BAT is
recommended.
Low-Voltage Operation
To ensure correct operation of the Hall sensor at low
input voltages, it is important to consider the voltage
drop of the MAX9921 with low battery voltages. This
dropout voltage can be calculated using the formula:
VDROPOUT = IHALL x RPU
IHALL is the maximum current which must be supplied to
the Hall sensor and RPU is the internal resistance of the
MAX9921, nominally 50Ω (see the Input Pullup
Resistance vs. VBAT graph in the Typical Operating
Characteristics). As an example, assume the use of a
HAL573 sensor, which draws a maximum current of
17mA. The dropout voltage is then 850mV and the
approximate minimum voltage supplied to the Hall sensor
is 6V - 0.85V = 5.15V, which is higher than the minimum
operating voltage of 3.75V specified for the HAL573.
MAX9921
IN_
R
VCC
x_
GND
Figure 6. 3-Wire Hall-Effect Switches Configured as 2-Wire
PART
MANUFACTURER
WEBSITE
COMMENT
HAL573-6
Micronas
www.micronas.com
2-wire
HAL556/560/566
Micronas
www.micronas.com
2-wire
HAL581/584
Micronas
www.micronas.com
2-wire
A1140/1/2/3
Allegro
www.allegromicro.com
2-wire
A1180/81/82/83
Allegro
www.allegromicro.com
2-wire
Table 4. Partial List of Compatible Hall Switches
Note: The Hall switches listed above are supported by the MAX9921 using RISET = 63.4kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com